Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

780417A Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 780417A
Description  Heavy Duty Dissolved Oxygen Meter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

780417A Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  780417A Datasheet HTML 1Page - Extech Instruments Corporation. 780417A Datasheet HTML 2Page - Extech Instruments Corporation. 780417A Datasheet HTML 3Page - Extech Instruments Corporation. 780417A Datasheet HTML 4Page - Extech Instruments Corporation. 780417A Datasheet HTML 5Page - Extech Instruments Corporation. 780417A Datasheet HTML 6Page - Extech Instruments Corporation. 780417A Datasheet HTML 7Page - Extech Instruments Corporation. 780417A Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
407510
V7.0 10/06
3
Getting Started
Note: The dissolved oxygen probe assembly may be shipped to you
from the factory dry. If the probe does not contain electrolyte
solution, refer to the Electrolyte Replacement section of this manual
for the instructions for adding the electrolyte solution prior to initial
use.
Filling the Electrolyte Container Prior to Initial Use
1.
Unscrew and remove the electrolyte container from the tip of
the probe.
2.
Fill the electrolyte container with new electrolyte.
3.
Screw the electrolyte container back onto the electrode
holder and probe handle. Excess Electrolyte may be forced
out through the threads. Wipe clean.
4.
Lightly tap the probe to remove any air bubbles.
Calibration
For first time use or after long periods (several days) of non-use, calibrate the instrument using
the following steps. The procedure should be performed in an open, well-ventilated area.
1.
Ensure that the sensor is DISCONNECTED from the meter.
2.
Turn ON the meter.
3.
Slide the O2/DO selector to the O2 position.
4.
Press the zero key to null the meter (the display should indicate "OO").
5.
Connect the DO sensor to the top of the meter (remove the plastic probe head
protective cap).
6.
Allow the meter to stand for at least five minutes until the display stabilizes.
7.
Press the O2 Cal key and the display will indicate approx. 20.9 (typical O2 in air).


Similar Part No. - 780417A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
78041 ALPHAWIRE-78041 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
logo
Molex Electronics Ltd.
78041-0002 MOLEX9-78041-0002 Datasheet
149Kb / 4P
   6.35mm (.250") Pitch, EXTreme PowerPlus??Header, All Power, Through Hole, Vertical, 3 Circuits, with Peg, Lead-free
logo
Alpha Wire
78041SL005 ALPHAWIRE-78041SL005 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
More results

Similar Description - 780417A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DO600 EXTECH-DO600 Datasheet
340Kb / 11P
   Dissolved Oxygen Meter
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
Figaro Engineering Inc.
KDS-25B FIGARO-KDS-25B Datasheet
292Kb / 2P
   Maxell Dissolved Oxygen Sensor
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
   Heavy Duty Pressure Meter
407850 EXTECH-407850 Datasheet
95Kb / 6P
   Heavy Duty Vibration Meter
407860 EXTECH-407860 Datasheet
184Kb / 1P
   Heavy Duty Vibration Meter
407860 EXTECH-407860_15 Datasheet
344Kb / 1P
   Heavy Duty Vibration Meter
407777 EXTECH-407777 Datasheet
118Kb / 8P
   Heavy Duty Wood Moisture Meter
407227 EXTECH-407227 Datasheet
188Kb / 6P
   Heavy Duty pH, mV, & Temperature Meter
407026 EXTECH-407026_15 Datasheet
462Kb / 1P
   Heavy Duty Light Meter with PC Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com