Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

407764 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # 407764
Description  Datalogging Sound Level Meter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407764 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button 407764 Datasheet HTML 4Page - Extech Instruments Corporation. 407764 Datasheet HTML 5Page - Extech Instruments Corporation. 407764 Datasheet HTML 6Page - Extech Instruments Corporation. 407764 Datasheet HTML 7Page - Extech Instruments Corporation. 407764 Datasheet HTML 8Page - Extech Instruments Corporation. 407764 Datasheet HTML 9Page - Extech Instruments Corporation. 407764 Datasheet HTML 10Page - Extech Instruments Corporation. 407764 Datasheet HTML 11Page - Extech Instruments Corporation. 407764 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Model 407764 Version 2.1 9/07
10
Calibration / Repair Services
Extech offers complete repair and calibration services for all of the products we sell. For
periodic calibration, NIST certification or repair of any Extech product, call customer service for
details on services available. Extech recommends that calibration be performed on an annual
basis to insure calibration integrity.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in parts
and workmanship for one year from date of shipment (a six month limited warranty applies on
sensors and cables). If it should become necessary to return the instrument for service during or
beyond the warranty period, contact the Customer Service Department at (781) 890-7440 ext. 210
for authorization or visit our website at www.extech.com (click on Contact Extech and go to Service
Department to request an RA number). A Return Authorization (RA) number must be issued before
any product is returned to Extech. The sender is responsible for shipping charges, freight, insurance
and proper packaging to prevent damage in transit. This warranty does not apply to defects resulting
from action of the user such as misuse, improper wiring, operation outside of specification, improper
maintenance or repair, or unauthorized modification. Extech specifically disclaims any implied
warranties or merchantability or fitness for a specific purpose and will not be liable for any direct,
indirect, incidental or consequential damages. Extech's total liability is limited to repair or
replacement of the product. The warranty set forth above is inclusive and no other warranty, whether
written or oral, is expressed or implied.
Copyright © 2005 Extech Instruments Corporation. All rights reserved
including the right of reproduction in whole or in part in any form.
Support line (781) 890-7440
Technical support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User’s Guide, Software updates, and other
up-to-the-minute product information, visit our website:
www.extech.com
Extech Instruments Corporation, 285 Bear Hill Rd., Waltham, MA 02451


Similar Part No. - 407764

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407760 EXTECH-407760 Datasheet
193Kb / 1P
   USB Sound Level Datalogger
407766 EXTECH-407766 Datasheet
173Kb / 4P
   Sound Level Calibrators
407766 EXTECH-407766_15 Datasheet
193Kb / 1P
   Sound Level Calibrators
407768 EXTECH-407768 Datasheet
88Kb / 7P
   Digital Sound Level Meter
More results

Similar Description - 407764

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD600 EXTECH-HD600 Datasheet
192Kb / 9P
   Digital Datalogging Sound Level Meter
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
   Sound level meter
logo
Extech Instruments Corp...
407735 EXTECH-407735 Datasheet
77Kb / 4P
   Digital Sound Level Meter
407750 EXTECH-407750 Datasheet
103Kb / 8P
   Digital Sound Level Meter
407730 EXTECH-407730 Datasheet
136Kb / 6P
   Digital Sound Level Meter
407703A EXTECH-407703A Datasheet
177Kb / 1P
   Analog Sound Level Meter
407706 EXTECH-407706 Datasheet
61Kb / 2P
   Analog Sound Level Meter
407736 EXTECH-407736 Datasheet
82Kb / 6P
   Digital Sound Level Meter
407768 EXTECH-407768 Datasheet
88Kb / 7P
   Digital Sound Level Meter
407732 EXTECH-407732 Datasheet
165Kb / 6P
   Digital Sound Level Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com