Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

407790 Datasheet(PDF) 11 Page - Extech Instruments Corporation.

Part # 407790
Description  Real Time Octave Band Analyzer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407790 Datasheet(HTML) 11 Page - Extech Instruments Corporation.

Back Button 407790 Datasheet HTML 7Page - Extech Instruments Corporation. 407790 Datasheet HTML 8Page - Extech Instruments Corporation. 407790 Datasheet HTML 9Page - Extech Instruments Corporation. 407790 Datasheet HTML 10Page - Extech Instruments Corporation. 407790 Datasheet HTML 11Page - Extech Instruments Corporation. 407790 Datasheet HTML 12Page - Extech Instruments Corporation. 407790 Datasheet HTML 13Page - Extech Instruments Corporation. 407790 Datasheet HTML 14Page - Extech Instruments Corporation. 407790 Datasheet HTML 15Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Model 407790 Ver. 2.1 9/07
11
[ 1 / 1 OCT ] 01 / 07 / 27 14:26:39
500
70
125
Hz 31.5
60
40
30
50
A
FAST L
100
80
90
dB
W
L
8k
2k
75.2 dB
W
Leq and LE measurement
To perform a measurement, carry out the following steps.
1. Set the power switch to ON and wait until the measurement screen appears.
2. Press the MEAS TIME button to set the preset measurement time (known as the integral
time) after which measurement automatically stops.
There are 13 presets available:
• 1s
• 10min
• 3s
• 15min
• 10s
• 30min
• 30s
• 1h
• 1min
• 8h
• 5min
• 24h
• 8min
Note: The list wraps around from 24h to 1s.


Similar Part No. - 407790

ManufacturerPart #DatasheetDescription
logo
Heyco.
4077 HEYCO-4077 Datasheet
108Kb / 1P
   Shorty Snap Rivets
logo
Extech Instruments Corp...
407703A EXTECH-407703A Datasheet
177Kb / 1P
   Analog Sound Level Meter
407706 EXTECH-407706 Datasheet
61Kb / 2P
   Analog Sound Level Meter
logo
Fair-Rite Products Corp...
4077122011 FAIR-RITE-4077122011 Datasheet
1Mb / 3P
   Rods
logo
Festo Corporation.
4077125 FESTO-4077125 Datasheet
80Kb / 1P
   Position indicator
More results

Similar Description - 407790

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
logo
Maxim Integrated Produc...
MAX30105ACCEVKIT MAXIM-MAX30105ACCEVKIT Datasheet
2Mb / 14P
   Real-Time Monitoring
19-8536; Rev 1; 7/16
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com