Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

407910 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 407910
Description  Heavy Duty Differential Pressure Manometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407910 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  407910 Datasheet HTML 1Page - Extech Instruments Corporation. 407910 Datasheet HTML 2Page - Extech Instruments Corporation. 407910 Datasheet HTML 3Page - Extech Instruments Corporation. 407910 Datasheet HTML 4Page - Extech Instruments Corporation. 407910 Datasheet HTML 5Page - Extech Instruments Corporation. 407910 Datasheet HTML 6Page - Extech Instruments Corporation. 407910 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Model 407910 - Version 2.0 - March 2005
3
Specifications
General Specifications
Circuit
Custom one-chip LSI microprocessor circuit
Display
0.6" (16mm) 2000 count LCD with function indicators
Units of Measure
mBAR, psi, kg/cm
2, mm Hg, inches Hg, meter H
2O, inches H2O
and Atmospheres
Input circuit
Differential inputs (P1 and P2)
Data Hold
Freezes displayed reading
Sensor
Built-in piezoelectric sensors
Zero Adjust
Front panel push-button
Sample rate
0.8 sec. (approx.)
Compatibility
Air or non-corrosive and non-ionized gas
Auto Power OFF
Meter turns off after approx. 10 minutes to conserve energy
Data Output
RS-232 PC serial interface
Ambient conditions
32 to 122
oF (0 to 50oC); < 80% RH
Battery power
9V alkaline battery
Power Consumption
6mA DC (approx.)
Dimensions
7.1 x 2.8 x1.3" (180 x 72 x 32 mm)
Weight
0.76 lbs (345 g)
Accessories
Quick-disconnect fittings (2), rubber jacket, and 9V battery
Range Specifications
Range/Units (Max.)
Resolution
Accuracy
± 2000 mbar
1
± 29 psi
0.02
± 2.040 Kg/cm
2
0.001
± 1500 mm Hg
1
± 59.05 inches Hg
0.05
± 20.40 meters H2O
0.01
± 802 inches H2O
0.5
± 1.974 atmospheres
0.001
± 2% full scale @ 23±5
oC
Note: Accuracy includes linearity,
hysteresis and repeatability effects


Similar Part No. - 407910

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
   Heavy Duty Differential Pressure Manometer
More results

Similar Description - 407910

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755 Datasheet
107Kb / 8P
   Heavy Duty Differential Pressure Manometer
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
   Heavy Duty Differential Pressure Manometer
HD750 EXTECH-HD750 Datasheet
103Kb / 7P
   Heavy Duty Differential Pressure Manometer
406850 EXTECH-406850 Datasheet
93Kb / 6P
   Differential Pressure Manometer
HD700 EXTECH-HD700 Datasheet
108Kb / 7P
   Differential Pressure Manometer
406800 EXTECH-406800_15 Datasheet
229Kb / 1P
   Differential Pressure Manometer
406800 EXTECH-406800 Datasheet
107Kb / 6P
   Differential Pressure Manometer
407495 EXTECH-407495 Datasheet
195Kb / 6P
   Heavy Duty Pressure Meter
logo
Honeywell Accelerometer...
MLH250BSD17D HONEYWELL-ACC-MLH250BSD17D Datasheet
122Kb / 4P
   Heavy Duty Pressure Sensors/ Transducers Line Guide
MLH025BSD14E HONEYWELL-ACC-MLH025BSD14E Datasheet
122Kb / 4P
   Heavy Duty Pressure Sensors/Transducers Line Guide
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com