Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

412355A Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 412355A
Description  Voltage Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

412355A Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  412355A Datasheet HTML 1Page - Extech Instruments Corporation. 412355A Datasheet HTML 2Page - Extech Instruments Corporation. 412355A Datasheet HTML 3Page - Extech Instruments Corporation. 412355A Datasheet HTML 4Page - Extech Instruments Corporation. 412355A Datasheet HTML 5Page - Extech Instruments Corporation. 412355A Datasheet HTML 6Page - Extech Instruments Corporation. 412355A Datasheet HTML 7Page - Extech Instruments Corporation. 412355A Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
412355A V3.2 7/08
5
Measure and Source
MEASURE (Input)
In this mode, the unit will measure voltage or current.
1.
Select Voltage or Current on the Function switch.
2.
Turn the meter ON
3.
Press the MODE button to select MEASURE
4.
Press the UNIT button to select mA or % if current is selected.
5.
Connect the Calibration Cable to the meter.
6.
Connect the Calibration Cable to the device or circuit under test.
7.
Read the measurement on the LCD display.
SOURCE (Output)
In this mode, the unit will source (output) voltage or current.
1.
Select Voltage or Current on the Function switch.
2.
Turn the meter ON
3.
Press the MODE button to select SOURCE
4.
Press the UNIT button to select V or mV if voltage is selected or to select mA or %
if current is selected.
5.
Connect the Calibration Cable to the meter.
6.
Connect the Calibration Cable to the device or circuit under test.
7.
Use the
▲ ▼buttons to select the desired output value. Use the LCD display to
verify the output level. Alternatively, use the stored calibration values in memory as
described in the MEM button section.
8.
For the -25% to 125% output range the output is 0 to 24mA.
% Display
-25%
0%
25%
50%
75%
100%
125%
mA output
0mA
4mA
8mA
12mA
16mA
20mA
24mA
NOTE: The “SOURCE” icon will blink when the output value has not reached a
stable level. The common cause for the “SOURCE” icon to remain blinking is that the
load impedance is too high in the current mode or too low in the voltage mode.


Similar Part No. - 412355A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
412355A EXTECH-412355A_15 Datasheet
165Kb / 1P
   Current & Voltage Calibrators/Meters
More results

Similar Description - 412355A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
   Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
   Dynamic Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
412400 EXTECH-412400 Datasheet
133Kb / 8P
   Multifunction Process Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
   Process Calibrator MultiMeter
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
433201 EXTECH-433201 Datasheet
155Kb / 1P
   Microprocessor Calibrator Thermometer
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com