Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

407001-USB Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 407001-USB
Description  Heavy Duty Vibration Meter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407001-USB Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  407001-USB Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
3/03/09 - R1
Measures Acceleration, Velocity and
Displacement plus a PC interface
Stores the maximum and minimum values for later recall
Heavy Duty Vibration Meter
Ordering Information:
407860....................Heavy Duty Vibration Meter, Mounted pickup
407860-NIST ..........407860 with NIST Certificate
156119....................117V AC Adaptor
156221....................220V AC Adaptor
407001....................Data Acquisition software and cable
407001-USB............USB adaptor for 407001
Features:
Ranges — Acceleration: 656ft/s2 (200m/s2),
Velocity: 7.87in/s (200mm/s),
Displacement: 0.078in (2mm)
Remote vibration sensor with magnetic adapter
on 39"(1m) cable
Wide frequency range of 10Hz to 1kHz
Resolution to 2ft/s2 (0.5m/s2), 0.02in/s (0.5mm/s), and
0.001in (0.005)mm
Basic accuracy of ±(5% + 2 digits)
RMS or Peak Value measurement modes
Manual/Auto store/recall up to 500 readings
Optional Windows
® 95/98/NT/2000/XP compatible software
allows captured readings to be downloaded to your PC
for further analysis
Data Hold freezes the reading in the display
Auto shut-off saves battery life
9V battery power or optional AC adaptor
Dimensions: 7.1 x 2.8 x 1.3" (180 x 72 x 32mm);
Weight with Probe: 0.87lbs (395g)
Complete with remote sensor, magnetic mount, 9V battery,
protective rubber holster with stand, and hard carrying case
Applications:
Motors, bearings
Fans
Pumps
Rotating machinery
Plant maintenance


Similar Part No. - 407001-USB

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407001 EXTECH-407001 Datasheet
121Kb / 8P
   Heavy Duty Dissolved Oxygen Meter
More results

Similar Description - 407001-USB

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407850 EXTECH-407850 Datasheet
95Kb / 6P
   Heavy Duty Vibration Meter
407860 EXTECH-407860_15 Datasheet
344Kb / 1P
   Heavy Duty Vibration Meter
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
407495 EXTECH-407495 Datasheet
195Kb / 6P
   Heavy Duty Pressure Meter
407510 EXTECH-407510 Datasheet
121Kb / 8P
   Heavy Duty Dissolved Oxygen Meter
407777 EXTECH-407777 Datasheet
118Kb / 8P
   Heavy Duty Wood Moisture Meter
407227 EXTECH-407227 Datasheet
188Kb / 6P
   Heavy Duty pH, mV, & Temperature Meter
VB400 EXTECH-VB400 Datasheet
500Kb / 1P
   Pen Vibration Meter
407026 EXTECH-407026_15 Datasheet
462Kb / 1P
   Heavy Duty Light Meter with PC Interface
logo
Fluke Corporation
FLUKE-805 FLUKE-FLUKE-805 Datasheet
2Mb / 4P
   Fluke 805 Vibration Meter
4/2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com