Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

421509 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 421509
Description  Dual Input, 3-Display Thermometer/Datalogger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

421509 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  421509 Datasheet HTML 1Page - Extech Instruments Corporation. 421509 Datasheet HTML 2Page - Extech Instruments Corporation. 421509 Datasheet HTML 3Page - Extech Instruments Corporation. 421509 Datasheet HTML 4Page - Extech Instruments Corporation. 421509 Datasheet HTML 5Page - Extech Instruments Corporation. 421509 Datasheet HTML 6Page - Extech Instruments Corporation. 421509 Datasheet HTML 7Page - Extech Instruments Corporation. 421509 Datasheet HTML 8Page - Extech Instruments Corporation. 421509 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
421509 Version 2.0 10/07
5
HOLD Mode (Main Display only)
Press the HOLD button to enter the Data Hold mode, the "HOLD" annunciator will display.
When HOLD is selected, the thermometer freezes the reading on the main display only.
Press the HOLD button again to return to the normal measurement mode.
MIN/MAX with Time Record Mode (Main Display only)
Note: Auto Power OFF and several keys (Power, C/F, REL, SET, HI/LO, TYPE, and T1,
T2, T1-T2) are defeated in this mode
Press MIN MAX to enter the MIN/MAX recording mode; the meter will begin keeping track
of the highest (MAX), lowest (MIN), MAX-MIN, and Average (AVG) readings. There are
four displays (listed below) for this mode. Use the MIN MAX key to scroll through all four.
1.
When the “REC” icon is on the display (top), the meter is displaying measurements
normally while it is recording.
2.
With the “REC MAX” icon on the display, the meter continues taking measurements
but the main display shows only the highest (MAX) reading recorded. The Elapsed
Time (in hours, minutes, and seconds) is shown in the lower right LCD field. The
Timer shows when the MAX reading was taken.
3.
With the “REC MIN” icon on the display, the main display shows only the lowest
reading recorded. The Time of the MIN reading is shown in the lower right LCD field.
4.
With the “REC MAX-MIN” icon on the display, the main display shows the difference
between Max and Min.
5.
With the “REC AVG” icon on the display, the main display shows only the average of
all the readings recorded. Note that the averaging limit is 22 hours. After 22 hours, the
last average reading display is held on the LCD.
The meter emits a tone when a new minimum or maximum value is recorded. Use the
HOLD button to pause recording (all values are then held). Press HOLD again to resume
recording. To exit the MIN MAX mode press and hold the MIN MAX button for more than 2
seconds until the “REC” icon switches off.
T1/T2 Button (Main Display)
Press this button to select which thermocouple input configuration is represented on the
main display; ‘T1’ will display for thermocouple input 1 or ‘T2’ for thermocouple 2. When
the meter is turned on, it is set to the display that was in use when the meter was last
powered off.
T1/T2 (Second Display)
Press this button to select which input is shown on the secondary display (lower left
display); T1 for thermocouple 1 or T2 for thermocouple 2. When the meter is turned on, it is
set to the display that was in use when the meter was last powered off.
T1-T2/Time (Third Display)
Press this button to select system time, date, or the differential between the two
thermocouples (T1-T2) for the third display (lower right display). When the meter is turned
on, it is set to the display that was in use when the meter was last powered off.


Similar Part No. - 421509

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
421501 EXTECH-421501 Datasheet
121Kb / 4P
   Type K Digital Thermometer
421502 EXTECH-421502 Datasheet
163Kb / 12P
   Dual Input Type J/K Digital Thermometer
logo
List of Unclassifed Man...
42150R ETC2-42150R Datasheet
222Kb / 2P
   MPR-50 Multi-Port Router
More results

Similar Description - 421509

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD200 EXTECH-HD200 Datasheet
396Kb / 10P
   Differential Thermometer Datalogger
EA20 EXTECH-EA20 Datasheet
214Kb / 5P
   Digital Hygro-Thermometer and Datalogger
EA25 EXTECH-EA25 Datasheet
286Kb / 6P
   EasyView Digital Hygro-Thermometer Datalogger
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
   Type K Dual Input Thermometer
42582 EXTECH-42582 Datasheet
247Kb / 14P
   IR Thermometer Printer / Datalogger with External Contact Probe
DL160 EXTECH-DL160 Datasheet
274Kb / 1P
   Dual Input True RMS AC Voltage/Current Datalogger
421502 EXTECH-421502 Datasheet
163Kb / 12P
   Dual Input Type J/K Digital Thermometer
SD750 EXTECH-SD750 Datasheet
414Kb / 1P
   3-Channel Pressure Datalogger
PQ3450 EXTECH-PQ3450 Datasheet
478Kb / 1P
   3-Phase Power Analyzer/Datalogger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com