Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

461831 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # 461831
Description  Digital Stroboscope Tachometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

461831 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  461831 Datasheet HTML 1Page - Extech Instruments Corporation. 461831 Datasheet HTML 2Page - Extech Instruments Corporation. 461831 Datasheet HTML 3Page - Extech Instruments Corporation. 461831 Datasheet HTML 4Page - Extech Instruments Corporation. 461831 Datasheet HTML 5Page - Extech Instruments Corporation. 461831 Datasheet HTML 6Page - Extech Instruments Corporation. 461831 Datasheet HTML 7Page - Extech Instruments Corporation. 461831 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Model 461830/461831 Version 2.2 November 2003
6
Operation
Powering the instrument
1. Plug the supplied power cable into the instrument’s power cable jack.
2. Plug the other end of the cable into an appropriate AC power source. The Model
461830 requires 110VAC and the 461831 requires 220VAC. Do not plug the device
into an incorrect power source otherwise damage to the instrument will result.
3. Use the ON/OFF switch to turn the instrument on or off.
Speed (RPM) Measurements
1. Remove power to the device under test so that it is stationary.
2. Affix a reflective mark or place a small piece of the supplied reflective tape on the
device under test.
3. Point the Stroboscope’s beam toward the reflective mark.
4. Use the ‘FINE’ and ‘COARSE’ adjustment knobs to synchronize or "stop" the motion of
the reflective mark (read the ‘Display Notes’ section below).
5. Read the RPM value on the LED display.
Range Adjustments
1. While measuring, use the RANGE button to select the range as desired
2. The LOW range is used for measurements below 1,000 RPM. The HIGH range is used
for measurements above 1,000 RPM.


Similar Part No. - 461831

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4618 3M-4618 Datasheet
641Kb / 10P
   VHB?줥apes
4618 3M-4618 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
logo
Heyco.
4618 HEYCO-4618 Datasheet
340Kb / 1P
   Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
Turck, Inc.
46181 TURCK-46181 Datasheet
415Kb / 3P
   Inductive Sensor
11/07/2023
logo
Alpha Wire
461816 ALPHAWIRE-461816 Datasheet
97Kb / 4P
   Customer Specification
2/17/2023
More results

Similar Description - 461831

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
461825 EXTECH-461825 Datasheet
71Kb / 6P
   Combination Photo-Tachometer Stroboscope
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
Extech Instruments Corp...
461950 EXTECH-461950 Datasheet
139Kb / 6P
   Panel Mount Digital Tachometer
logo
IET Labs Inc.
1546 IET-1546 Datasheet
1Mb / 2P
   Electronic Stroboscope
1542 IET-1542 Datasheet
106Kb / 2P
   Electronic Stroboscope
logo
Toshiba Semiconductor
THS130 TOSHIBA-THS130 Datasheet
120Kb / 2P
   HIGH STABILITY MOTOR CONTROL. DIGITAL TACHOMETER.
THS128 TOSHIBA-THS128 Datasheet
120Kb / 2P
   HIGH STABILITY MOTOR CONTROL. DIGITAL TACHOMETER.
THS129 TOSHIBA-THS129 Datasheet
121Kb / 2P
   HIGH STABILITY MOTOR CONTROL. DIGITAL TACHOMETER.
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com