Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

475044 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 475044
Description  Digital Force Gauge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

475044 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  475044 Datasheet HTML 1Page - Extech Instruments Corporation. 475044 Datasheet HTML 2Page - Extech Instruments Corporation. 475044 Datasheet HTML 3Page - Extech Instruments Corporation. 475044 Datasheet HTML 4Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
User’s Guide
Models 475040 and 475044
Digital Force Gauge
1.
Universal sensing head
2.
LCD Display
3.
Fast response indicator
4.
FAST / SLOW response selection
5.
LCD reverse display button
6.
Zero/Tare button
7.
Units select switch
8.
Mounting Holes (on rear)
9.
Battery compartment cover (on rear)
10. Flat Head adapter
11. Cone adapter
12. Chisel adapter
13. Hook adapter
14. 5” (120mm) extension rod
15. OFF/ON/PEAK HOLD button
Introduction
Congratulations on your purchase of Extech’s Digital Force Gauge. This professional meter,
with proper care, will provide years of safe reliable service. Measure Tension or Compression
(Push or Pull) to 5kg (475040) or 20kg (475044), reversible display indicates readings in
grams, ounces, or newtons. This meter offers Peak Hold and a Zero function.
1
3
2
4
5
6
7
15
13
8
9
14
10
12 11
475040
FORCE GAUGE


Similar Part No. - 475044

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
475044 EXTECH-475044 Datasheet
367Kb / 1P
   Digital Forge Gauges
475044-SD EXTECH-475044-SD Datasheet
479Kb / 1P
   Force Gauge/Dataloggers
475044-SD EXTECH-475044-SD Datasheet
479Kb / 1P
   Force Gauge/Dataloggers
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results

Similar Description - 475044

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
475055 EXTECH-475055 Datasheet
251Kb / 6P
   Digital Force Gauge
475040-SD EXTECH-475040-SD Datasheet
479Kb / 1P
   Force Gauge/Dataloggers
475044-SD EXTECH-475044-SD Datasheet
479Kb / 1P
   Force Gauge/Dataloggers
logo
Copal Electronics
PG-200 COPAL-PG-200 Datasheet
251Kb / 4P
   DIGITAL PRESSURE GAUGE
PG-208 COPAL-PG-208 Datasheet
1Mb / 5P
   DIGITAL PRESSURE GAUGE
logo
MKS Instruments.
937B MKS-937B Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
logo
Ralston Instruments.
GAUD-0200 RALSTON-GAUD-0200 Datasheet
345Kb / 1P
   0-200 psig Digital Pressure Gauge
GAUD-3000 RALSTON-GAUD-3000 Datasheet
345Kb / 1P
   0-3000 psig Digital Pressure Gauge
GAUD-0015 RALSTON-GAUD-0015 Datasheet
345Kb / 1P
   0-15 psig Digital Pressure Gauge
GAUD-0030 RALSTON-GAUD-0030 Datasheet
345Kb / 1P
   0-30 psig Digital Pressure Gauge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com