Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN100 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # AN100
Description  CFM/CMM Thermo Anemometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AN100 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  AN100 Datasheet HTML 1Page - Extech Instruments Corporation. AN100 Datasheet HTML 2Page - Extech Instruments Corporation. AN100 Datasheet HTML 3Page - Extech Instruments Corporation. AN100 Datasheet HTML 4Page - Extech Instruments Corporation. AN100 Datasheet HTML 5Page - Extech Instruments Corporation. AN100 Datasheet HTML 6Page - Extech Instruments Corporation. AN100 Datasheet HTML 7Page - Extech Instruments Corporation. AN100 Datasheet HTML 8Page - Extech Instruments Corporation. AN100 Datasheet HTML 9Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Model AN100 Version 2.0 02/06
5
Air Flow Measurements (CMM / CFM)
1.
Turn on the meter using the
ON/OFF button
2.
Press the UNITS button to select the desired air flow
units: CMM (cubic meters per minute) or CFM (cubic
feet per minute). NOTE: At power up the meter will
display the last unit of measure previously entered.
3.
To begin entering the area in m
2 or ft2, press and
hold the AREA button until it beeps twice. The
leftmost digit of the bottom display will begin to flash.
4.
Use the ▲ (UP) button to change the flashing digit
Use the ◄ (LEFT) button to move the decimal
Use ► (RIGHT) button to select the other digits.
After all of the digits are entered, press and hold the
AREA
button (until meter beeps twice) to save the area into memory and return to
CFM or CMM measuring mode.
5.
Place the sensor in the air stream. Ensure that the air enters the vane as indicated by
the arrow sticker placed inside the vane. Refer to the diagram. The large main LCD
display shows the Air Velocity reading. The upper right LCD sub-display shows the
temperature reading.
The meter has 16 memory locations (8 for CFM and 8 for CMM) that can be used to store
commonly used area sizes that you can recall at anytime.
1.
Press the AREA button until meter beeps twice. A memory location number will
appear in the top right of the display indicating the memory location.
2.
Push the NEXT button to scroll thru and select the desired location. Once you have
selected the desired memory location enter your dimension
Use the ▲ (UP) button to change the flashing digit
Use the ◄ (LEFT) button to move the decimal
Use ► (RIGHT) button to select the other digits. After all of the digits are entered,
press and hold the AREA button (until it beeps twice) to save the area into memory
and return to CFM or CMM measuring mode.
To select and use a previously stored dimension, press and hold the AREA button until it
beeps twice.
Press NEXT to scroll thru the 8 memory locations. Press and hold the AREA button until it
beeps twice to return to CFM or CMM measuring mode.
Air Flow Averaging Mode
1. To enter 20 Point Averaging Mode, press and hold the AVG button until it beeps twice.
The AVG icon will be displayed.
2. Take a measurement and press the AVG button. A single beep will sound and the
HOLD
icon will appear in the display.
3. The average reading will be displayed and number of readings measured will appear in
the upper right hand corner of the display. After 5 seconds, the display will return to the
current reading.
4. Repeat steps 2 - 3 until the desired number of points have been measured.
5. To return to standard airflow measuring mode press and hold AVG button until meter
beeps twice.
Note:
In the standard velocity measuring mode, press the AVG button once to recall the
previous average. The average will be cleared when you enter the Averaging Mode
again.
airflo
Arrow
Side view of Vane


Similar Part No. - AN100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1000 MICROCHIP-AN1000 Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
STMicroelectronics
AN1000 STMICROELECTRONICS-AN1000 Datasheet
67Kb / 3P
   Application note
logo
List of Unclassifed Man...
AN1000-521P ETC1-AN1000-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
   Evaluation of the SA601/SA606 demoboard
1997 Aug 20
logo
Vishay Siliconix
AN1001 VISHAY-AN1001 Datasheet
50Kb / 2P
   The Next Step in Surface-Mount Power MOSFETs
12-Dec-03
More results

Similar Description - AN100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
   Heavy Duty CFM-CMM Thermo-Anemometer
AN100 EXTECH-AN100_15 Datasheet
265Kb / 1P
   CFM/CMM Thermo-Anemometer IR Thermometer
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
   CFM/CMM Thermo Anemometer InfraRed Thermometer
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
   CFM/CMM Thermo-Anemometer IR Thermometer
AN500 EXTECH-AN500 Datasheet
95Kb / 1P
   AN500 Hot Wire CFM/CMM Thermo-Anemometer
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
   CFM/CMM Thermo-Anemometer with IR Temperature
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
   AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
407113 EXTECH-407113 Datasheet
129Kb / 8P
   Heavy Duty CFM Thermo-Anemometer
407119 EXTECH-407119 Datasheet
461Kb / 1P
   Heavy Duty Hot Wire CFM Thermo-Anemometer
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
   Hot Wire CFM Thermo-Anemometer/Datalogger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com