Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR146 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # BR146
Description  Flexible Borescope
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

BR146 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  BR146 Datasheet HTML 1Page - Extech Instruments Corporation. BR146 Datasheet HTML 2Page - Extech Instruments Corporation. BR146 Datasheet HTML 3Page - Extech Instruments Corporation. BR146 Datasheet HTML 4Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BR146 V2.0 9/08
2
Introduction
Congratulations on your purchase of the Extech BR146. This product is used for
inspection of areas generally inaccessible to the naked eye, such as internal inspection
of engines, gear train components, interior structures of walls, and industrial applications.
Illumination is provided by two solid state LEDs which are controlled by a three position
switch, giving low, off, and high output. Lighting is powered by 4 “AA” batteries located in
the handle. The adjustable eyepiece focus allows the user to fine tune for object distance.
The scope comes in a protective case for storage. An accessory mirror allows the user
to see 90 degrees to the axis of the shaft. The Magnet accessory will pick up approx 1/4
lb. This device is shipped fully tested and, with proper use, will provide years of reliable
service
Safety
STOP IMPORTANT:
PLEASE READ THESE INSTRUCTIONS CAREFULLY. NOTE THE SAFE
OPERATIONAL REQUIREMENTS, WARNINGS AND CAUTIONS. USE THIS
PRODUCT CORRECTLY AND WITH CARE FOR THE PURPOSE FOR WHICH IT
IS INTENDED. FAILURE TO DO SO COULD CAUSE DAMAGE AND/OR
PERSONAL INJURY AND WILL INVALIDATE THE WARRANTY. PLEASE KEEP
THESE INSTRUCTIONS FOR FUTURE USE.
DO NOT use flexible inspection scope if damaged
Do not point the tip toward the Sun or other intense source of light while viewing.
Permanent eye damage may occur.
Maintain your scope in new condition as detailed in MAINTENANCE for long service
Be aware of your surrounding environment while using your inspection scope
Account for all tools and parts being used or serviced and do not leave loose parts
near moving parts of an engine
Specifications
Viewing distance:
0.4”(10mm) to infinity
Viewing Angle
48°
Side View Adaptor:
90°
Tip Diameter
0.39” (10mm)
Working Length:
46” (1168mm)
Maximum bend radius
3” (7.62cm)
Optical system:
fiber optic (7400 fibers)
Illumination
LED (2) (High/Low intensity selection)
Max probe temperature
158°F / 70°C
Shaft material
HDPF
Housing material
Nylon
Compatibility
Water, diesel, gasoline, brake
fluid, antifreeze, motor oil, gear oil and other liquids
Power
4 AA batteries
Weight:
1.15lb (0.52kg)
Carrying Case Dimensions:
17 x 13 x 4.5” (432mm x 330mm x 114mm)


Similar Part No. - BR146

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
BR14 AMPHENOL-BR14 Datasheet
107Kb / 4P
   Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
BR14 AMPHENOL-BR14 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Freescale Semiconductor...
BR1407/D FREESCALE-BR1407/D Datasheet
86Kb / 10P
   Superscalar 32-Bit Microprocessors
BR1407/D FREESCALE-BR1407/D Datasheet
58Kb / 10P
   Product Brief Integrated Processor With DMA
logo
NXP Semiconductors
BR1407/D NXP-BR1407/D Datasheet
1Mb / 37P
   Integrated CPU32 Processor
Rev 1
More results

Similar Description - BR146

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BR350 EXTECH-BR350 Datasheet
594Kb / 1P
   Waterproof Borescope/Inspection Cameras
BR-5CAM EXTECH-BR-5CAM Datasheet
169Kb / 2P
   Borescope Probe For use with the BR200 / BR250 Borescope only
BR300 EXTECH-BR300 Datasheet
594Kb / 1P
   Waterproof Borescope/Inspection Cameras
BR-9CAM-2M EXTECH-BR-9CAM-2M Datasheet
196Kb / 2P
   Borescope Probe For use with the BR200 / BR250 Borescope only
BR150 EXTECH-BR150 Datasheet
238Kb / 1P
   Video Borescope Inspection Camera
BR70 EXTECH-BR70 Datasheet
160Kb / 1P
   Video Borescope Inspection Camera
BR200-EXT EXTECH-BR200-EXT Datasheet
266Kb / 1P
   Video Borescope Extension Cable
BR-9CAM EXTECH-BR-9CAM Datasheet
196Kb / 2P
   Borescope Probe For use with the BR200 / BR250 Borescope only
BR100 EXTECH-BR100 Datasheet
110Kb / 1P
   Video Borescope Inspection Camera
BR80 EXTECH-BR80 Datasheet
165Kb / 1P
   Video Borescope Inspection Camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com