Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM-17-S Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # CMM-17-S
Description  Process Calibrator MultiMeter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

CMM-17-S Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  CMM-17-S Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
9/24/08 - R2
Precision DC, mA, Voltage, Frequency Calibrator
Combined with True RMS MultiMeter
Process Calibrator MultiMeter
Features:
Simultaneous source/simulate and measure on
large dual display
Precision 0.03% accurate voltage and
current calibration source
Constant current output for loads up to 1200Ω
Bipolar current (±25mA) and voltage (±1.5V, ±15V) outputs
Simultaneously source 15V excitation voltage and
measure mA output of 2-wire transmitters
% of scale readout for 4 to 20mA or 0 to 20mA
Wide range Frequency (square wave) source with
adjustable amplitude, pulse width, and duty cycle
Programmable 16 continuous or timed step outputs, or 999
step ramp
Optional communications software allows you to remotely
operate the CMM-17 from your PC and document readings
DMM Features:
Measure DCmA, ACmA, DCV, ACV, AC+DC, Temperature,
Frequency, Duty Cycle, Pulse Width, Resistance, Continuity,
and Diode
1μV or 1μA resolution and 0.03% basic DCV accuracy
(400mV-40V)
1ms Peak Hold for glitch capture, plus Data Hold, Auto Hold,
relative and dynamic recording
True RMS measurement for non-linear voltage and current
loads
Common Features:
Built-in bi-directional RS-232 interface
Built-in NiMH rechargeable battery
Large 50,000 count backlit LCD displays primary, secondary,
source/measure ranges and functions selected
Separate input/output banana jacks with fused protection
Auto power off with disable function
Complete kit with input/output test leads, Type K temperature
probe, 8 NiMH rechargeable batteries, 100V-250V AC adap-
tor/recharger, and carrying case
Ordering Information:
CMM-17 ..............Process Calibrator MultiMeter
CMM-17-NIST ....CMM-17 with NIST Certificate
CMM-17-S ..........PC Software and RS-232 cable
Specifications
Source (Output)
Ranges
Max Res.
Accuracy (% output + digits)
DC Voltage
±1.5
100μV
±15V
1mV
±(0.03% + 3)
DC Current
±25mA
1μA
±(0.03% + 5)
(Max load 1200Ω)
Square Wave
28 Frequencies
0.01Hz
±(0.005% + 1)
(0.5,1,2,5,10,15,20,25,30,40,50,60,75,80,100,120,150,200,240,300,400,
480,600,800,1200,1600,2400,4800 Hz)
Duty Cycle
0.39% to 99.60%
0.390625%
±(0.01% + 0.02%)
Pulse Width
1/frequency
Range/256
±(0.01% + 0.3ms)
Amplitude
5V, ±5V, 12V, ±12V
0.1V
±(2% + 0.2V)
Measure (Input)
Ranges
Max Res.
Accuracy (% rdg + digits)
DC Voltage
50mV
1μV
±(0.05% + 50d)
500mV, 5V, 50V
10μV
±(0.03% + 5d)
250V
10mV
AC Voltage (45-20kHz)
50,500mV, 5,50,250V 1μV
±(1.5% + 20d) @50/60Hz
DC Current
50mA, 500mA
1μA
±(0.3% + 5d)
AC Current (45Hz-2kHz)
50mA, 500mA
1μA
±(0.6% + 20d)
AC + DC Voltage
50,500mV, 5,50,250V 1μV
±(0.8% + 25d) @50/60H
AC + DC Current
50mA, 500mA
1μA
±(1.2% + 10d)
1ms Peak Hold (Glitch capture)
50,500mV, 5,50,250V
1μV
±(2% + 400d)
50mA, 500mA
1μA
Resistance
500,5k,50k,500k,5MV 0.01V
±(0.15% + 5d)
50MV
1kV
±(1% + 8d)
Temperature (Type K)
-40°F to 2502°F
1/0.1°F
±(0.3% + 6°F)
-40°C to 1372°C
1/0.1°C
±(0.3% + 3°C)
Frequency
100Hz,1,10,100,200kHz
0.001Hz
±(0.02% + 3d)
Duty Cycle
0.1-99.9%
±(0.3% per kHz +0.3%)FS
Pulse Width
0.1-1999.9mS
±(0.2% + 3d)
Diode Check / Continuity
0.45mA @ <4.8V / Beeper < 10Ω on 400Ω range
Dimensions/Weight:
2.1 x 3.54 x 7.56"(54 x 90 x 192mm) / 3.75lbs 1.71kg)
V
V
V
V
V
V
V
mV
mA
mA mA
mA
mA
mA
OFF
PROCESS CALIBRATOR MULTIMETER + RS232
MODE
SHIFT
MAX/MIN
°C/°F
AUTO
OUTPUT
Ω
250V
500mA
MAX
FUSED
DC
15V
25mA
MAX
FUSED
V
mA
V
mAΩ
True RMS
CAT II 250V
CMM-17
Optional software records output and
input and generates calibration report


Similar Part No. - CMM-17-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM-10 ETC-CMM-10 Datasheet
192Kb / 2P
   2.0 TO 20.0 GHz GAAS MMIC POWER AMPLIFIER
More results

Similar Description - CMM-17-S

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
412400 EXTECH-412400 Datasheet
133Kb / 8P
   Multifunction Process Calibrator
412400 EXTECH-412400_15 Datasheet
216Kb / 1P
   Oyster짰 Multifunction Process Calibrator
PRC30 EXTECH-PRC30 Datasheet
101Kb / 2P
   PRC30 Multifunction Process Calibrator
MN25 EXTECH-MN25 Datasheet
289Kb / 15P
   MultiMeter
412355A EXTECH-412355A Datasheet
170Kb / 8P
   Voltage Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
   Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
   Dynamic Calibrator
logo
Ralston Instruments.
QTHA-FLTS-HC-40 RALSTON-QTHA-FLTS-HC-40 Datasheet
498Kb / 1P
   Filter out particulate from the process to keep your hose and calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
logo
ASM GmbH
4281 ASM-SENSOR-4281 Datasheet
2Mb / 4P
   DIGITALE MULTIMETER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com