Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO600 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # DO600
Description  Dissolved Oxygen Meter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

DO600 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  DO600 Datasheet HTML 1Page - Extech Instruments Corporation. DO600 Datasheet HTML 2Page - Extech Instruments Corporation. DO600 Datasheet HTML 3Page - Extech Instruments Corporation. DO600 Datasheet HTML 4Page - Extech Instruments Corporation. DO600 Datasheet HTML 5Page - Extech Instruments Corporation. DO600 Datasheet HTML 6Page - Extech Instruments Corporation. DO600 Datasheet HTML 7Page - Extech Instruments Corporation. DO600 Datasheet HTML 8Page - Extech Instruments Corporation. DO600 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DO600 - Version 5.0 8/05
5
Altitude Compensation
1.
With the unit ON, momentarily press the CAL/RECALL button twice in quick succession
(‘SAL’ is shown in the lower temperature display.
2.
Press and hold CAL/RECALL again for 2 seconds to enter the Altitude Mode (‘Ald’ will be
shown in the lower temperature display).
3.
The factory default value is sea level. Each press of the MODE/HOLD button increases
the compensation by 1000ft. The maximum value is 20 presses (20,000ft above sea
level).
4.
Momentarily press the CAL/RECALL button to save the compensation setting and return
to the normal measurement mode.
Auto-Power OFF Feature
The auto power off feature automatically shuts the meter off 10 minutes after the most recent
button press. To disable this feature, refer to the Disable Auto-Power OFF section.
Disable Auto-Power OFF Feature
With the unit ON, momentarily press the CAL/RECALL button, then quickly press and hold
both the MODE/HOLD and ON/OFF buttons until ‘oFF’ is displayed. To restore the Auto Power
Off Feature (auto power OFF enable) simply turn the meter off and on again using the ON/OFF
button.
Low Battery Indication
When the battery voltage falls below the operating threshold, ‘BAT’ will appear on the display.
Refer to the Maintenance section for battery replacement information.
Storing Readings
1.
Press the MODE/HOLD button to store a reading. The storage location number will be
displayed on the lower display, while the main display shows the stored reading. The
meter will enter the HOLD mode and the “HOLD” indicator will appear on the LCD.
2.
Press the MODE/HOLD button again to exit the HOLD mode and return to normal
operation. The next time MODE/HOLD is momentarily pressed another reading is stored
and so on.
3.
If more than 25 readings are stored, previously stored readings (starting with reading
number 1) are overwritten.
Recalling Stored Readings
1.
Momentarily press the CAL/RECALL button and then with in 4 seconds momentarily
press the MODE/HOLD. The last stored data point location will be displayed (1 to 25).
Each time the MODE/HOLD button is momentarily pressed the next most recently stored
data point will be displayed.
2.
After the last data point stored is displayed, pressing the MODE/HOLD button again
returns the display to the beginning of the list.
3.
Pressing the CAL/RECALL button at anytime stops the data retrieval process and returns
the meter to the normal measurement mode.
Clearing Stored Readings
1.
With the unit ON press and hold the ON/OFF button for 4 seconds
2.
When “clr” is shown in the main display the memory is cleared.


Similar Part No. - DO600

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DO610 EXTECH-DO610 Datasheet
190Kb / 1P
   ExStik II DO/pH/Conductivity Kit
DO610 EXTECH-DO610 Datasheet
190Kb / 1P
   ExStik짰 II DO/pH/Conductivity Kit
DO610 EXTECH-DO610_15 Datasheet
190Kb / 1P
   ExStik짰 II DO/pH/Conductivity Kit
More results

Similar Description - DO600

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407510 EXTECH-407510 Datasheet
121Kb / 8P
   Heavy Duty Dissolved Oxygen Meter
logo
Figaro Engineering Inc.
KDS-25B FIGARO-KDS-25B Datasheet
292Kb / 2P
   Maxell Dissolved Oxygen Sensor
logo
Sensirion AG Switzerlan...
SFM4200 SENSIRION-SFM4200 Datasheet
499Kb / 13P
   Digital Flow Meter for Air and Oxygen
Version 1.1 - Oct. 2017
logo
Honeywell Accelerometer...
KGZ10-SP HONEYWELL-ACC-KGZ10-SP Datasheet
227Kb / 4P
   Oxygen Sensors
logo
List of Unclassifed Man...
O2-E2 ETC-O2-E2 Datasheet
294Kb / 2P
   Oxygen Sensor
logo
Sensortechnics GmbH
XYA1S SENSORTECHNICS-XYA1S Datasheet
66Kb / 4P
   Oxygen sensors
logo
Fuji Electric
EDS3-62H FUJI-EDS3-62H Datasheet
110Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-69F FUJI-EDS3-69F Datasheet
150Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
logo
Fujikura Ltd.
FCX-MP-F-AC FUJIKURA-FCX-MP-F-AC Datasheet
154Kb / 3P
   Oxygen sensor module
logo
Figaro Engineering Inc.
SK-25F FIGARO-SK-25F Datasheet
333Kb / 2P
   Figaro Oxygen Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com