Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC410 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EC410
Description  ExStik II Conductivity Kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EC410 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EC410 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/17/08 - R1
Waterproof meter incorporates a highly accurate multi-ranging sensor that measures
four parameters - Conductivity, TDS, Salinity, and Temperature
WIth calibration standards, sample plastic cups and
carrying case included for easy travel
ExStik
® II Conductivity Kit
Features:
Autoranging meter offers 3 ranges with 8 units of measure including
μS/cm, mS/cm, ppm, ppt, mg/L, g/L, °F, and °C
Simultaneous display of Conductivity or TDS
plus Temperature and bargraph
Memory stores up to 15 labeled readings
Adjustable Conductivity to TDS ratio factor from 0.4 to 1.0
Self calibration on power up
Waterproof to IP57
Large 3-1/2 digit (2000 count) Digital display
with analog bargraph to indicate sample trends
Data Hold, Auto Power Off and low battery indication
Automatic Temperature Compensation of 2% per °C
Auto standard recognition for calibration
(84μS/cm, 1413μS/cm, and 12880μS/cm)
Easy to replace Conductivity cell module
Plastic sample cup and iron cast weighted base
allows for hands-free operation while holding up
the meter during measurement stage
EC410 kit includes EC400 ExStik® Conductivity/TDS/ Salinity
Temperature Meter, with sensor, protective cap,
84μS/cm, 1413μS/cm and 12880μS/cm calibration standards
(30mL bottle each), weighted base, 3 sample plastic cups
with caps, four 3V CR-2032 batteries, 48" (1.2m) neckstrap,
and carrying case
Patents Pending
Specifications
Ranges
Max. Resolution
Basic Accuracy
Conductivity
0 to 199.9μS/cm
0.1μS/cm
±2% FS
200 to 1999μS/cm
1μS/cm
2.00 to 19.99mS/cm
0.01mS/cm
TDS
0 to 99.9ppm (mg/L)
0.1ppm (mg/L)
±2% FS
100 to 999ppm (mg/L)
1ppm (mg/L)
1.00 to 9.99ppt (g/L)
0.01ppt (g/L)
Salinity
0 to 99.9ppm (mg/L)
0.1ppm (mg/L)
±2% FS
100 to 999ppm (mg/L)
1ppm (mg/L)
1.00 to 9.99ppt (g/L)
0.01ppt (g/L)
Temperature
32° to 149°F (0° to 65°C)
0.1°
±1.8°F/1°C
Power
Four SR44W button batteries
Dimensions
Meter: 1.4 x 6.8 x 1.6" (36 x 173 x 41mm)
Kit:
9.5 x 6.8 x 2.8" (241 x 173 x 71mm)
Weight
Meter: 3.8 oz (110g)
Kit:
1.56 lbs (708g)
Ordering Information:
EC410 ............ExStik® Conductivity/TDS/Salinity Kit
EC400 ............ExStik® Conductivity/TDS/Salinity Meter
EC405 ............Spare Conductivity Cell
EC-84-P..........84μS Conductivity Standard (2 bottles - 1 pint each)
EC-1413-P......1413μS Conductivity Standard (2 bottles - 1 pint each)
EC-12880-P....12880μS Conductivity Standard (2 bottles - 1 pint each)
EX007 ............Spare sample solution cups (24pk)
EX010 ............Extension Cable, 3ft (1 Meter) with probe weight for ExStik
EX050 ............Extension Cable, 16ft (5 Meters) with probe weight for ExStik
*ExStik® Conductivity cell is not interchangeable with other ExStik® meters


Similar Part No. - EC410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
EC4101-F ETC2-EC4101-F Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
EC4101-G ETC2-EC4101-G Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
EC4101N-F ETC2-EC4101N-F Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
EC4101N-G ETC2-EC4101N-G Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
More results

Similar Description - EC410

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DO610 EXTECH-DO610 Datasheet
190Kb / 1P
   ExStik II DO/pH/Conductivity Kit
DO610 EXTECH-DO610_15 Datasheet
190Kb / 1P
   ExStik짰 II DO/pH/Conductivity Kit
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
   Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
   Waterproof ExStik짰 II pH/Conductivity Meter
logo
Endress+Hauser Group Se...
CLY421 EH-CLY421 Datasheet
845Kb / 12P
   Conductivity calibration kit for ultrapure water applications
2022-09-29
logo
Extech Instruments Corp...
PH100 EXTECH-PH100 Datasheet
149Kb / 8P
   ExStik pH Waterproof Meters
logo
Nordic Semiconductor
NRF52-DK NORDIC-NRF52-DK Datasheet
5Mb / 24P
   Power Profiler Kit II
2021-06-08 v1.0.1
logo
Endress+Hauser Group Se...
CLS19 EH-CLS19 Datasheet
493Kb / 8P
   Conductivity sensor
2021-09-30
CLM223 EH-CLM223 Datasheet
869Kb / 20P
   Conductivity/resistivity measurement
logo
Extech Instruments Corp...
EX010 EXTECH-EX010 Datasheet
212Kb / 1P
   ExStik Extension Cable w/Probe Guard/Weight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com