Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5630AMWPTR Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5630AMWPTR
Description  Multimode SCSI 9 Line Terminator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5630AMWPTR Datasheet(HTML) 3 Page - Texas Instruments

  UCC5630AMWPTR Datasheet HTML 1Page - Texas Instruments UCC5630AMWPTR Datasheet HTML 2Page - Texas Instruments UCC5630AMWPTR Datasheet HTML 3Page - Texas Instruments UCC5630AMWPTR Datasheet HTML 4Page - Texas Instruments UCC5630AMWPTR Datasheet HTML 5Page - Texas Instruments UCC5630AMWPTR Datasheet HTML 6Page - Texas Instruments UCC5630AMWPTR Datasheet HTML 7Page - Texas Instruments UCC5630AMWPTR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
UCC5630A
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA =TJ = 0°C to 70°C,
TRMPWR = 2.7V to 5.25V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TRMPWR Supply Current Section
TRMPWR Supply Current
LVD Mode (No Load)
13
20
mA
SE Mode (No Load)
1.6
10
mA
Disabled
250
400
A
Regulator Section
REG Output Voltage (LVD Mode)
0.5V
≤ VCM ≤ 2.0V (Note1)
1.15
1.25
1.35
V
REG Output Voltage (SE Mode)
0V
≤ VL– ≤ 4.2V (Note2)
2.5
2.7
3.0
V
REG Short-Circuit Source Current
(LVD and SE Modes)
VREG= 0V
–800
–420
–225
mA
REG Short-Circuit Sink Current
(LVD and SE Modes)
VREG= 3.0V
100
180
800
mA
DIFSENS Output Section
Output Voltage
–5mA
≤ IDIFSENS ≤ 50µA
1.2
1.3
1.4
V
Short-Circuit Source Current
VDIFSENS = 0V
–15
–8
–5
mA
Short-Circuit Sink Current
VDIFSENS = 2.75V
50
80
200
µA
Differential Termination Section (Applies to each line pair, 1-9, in LVD mode)
Differential Impedance
100
105
110
Common Mode Impedance
L+ and L– shorted together. (Note 3)
110
140
165
Differential Bias Voltage
100
125
mV
Common Mode Bias Voltage
L+ and L– shorted together.
1.15
1.25
1.35
V
Output Capacitance
Single ended measurement to ground. (Note 4)
3
pF
Single Ended Termination Section (Applies to each line pair, 1-9, in SE mode)
Impedance
(Note 5)
102.3
110
117.7
Termination Current
Signal Level 0.2V
–25.4
–21
mA
Signal Level 0.5V
–22.4
–18
mA
Output Capacitance
Single ended measurement to ground. (Note 4)
3
pF
Single Ended GND Switch Impedance
I = 10mA
20
60
Disconnected Termination Section (Applies to each line pair, 1-9, in DISCNCT or HIPD mode)
Output Leakage
400
nA
Output Capacitance
Single ended measurement to ground. (Note 4)
3
pF
DISCNCT and DIFFB Input Section
DISCNCT Threshold
0.8
2.0
V
DISCNCT Input Current
VDISCNCT = 0V
–30
–10
– 3
A
DIFFB Single Ended to LVD Threshold
0.5
0.7
V
DIFFB LVD to HIPD Threshold
1.9
2.4
V
DIFFB Input Current
0V
≤ VDIFFB ≤ 2.75V
–1
1
A


Similar Part No. - UCC5630AMWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5630AMWPTR TI1-UCC5630AMWPTR Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630AMWPTRG4 TI1-UCC5630AMWPTRG4 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
More results

Similar Description - UCC5630AMWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
LX5250 MICROSEMI-LX5250 Datasheet
188Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com