Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5640PW28 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5640PW28
Description  Low Voltage Differential LVD SCSI 9 Line Terminator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5640PW28 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5640PW28 Datasheet HTML 1Page - Texas Instruments UCC5640PW28 Datasheet HTML 2Page - Texas Instruments UCC5640PW28 Datasheet HTML 3Page - Texas Instruments UCC5640PW28 Datasheet HTML 4Page - Texas Instruments UCC5640PW28 Datasheet HTML 5Page - Texas Instruments UCC5640PW28 Datasheet HTML 6Page - Texas Instruments UCC5640PW28 Datasheet HTML 7Page - Texas Instruments UCC5640PW28 Datasheet HTML 8Page - Texas Instruments UCC5640PW28 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UCC5640
SLUS314C – JANUARY 2000 – REVISED JUNE 2003
2
www.ti.com
ORDERING INFORMATION
T
PACKAGED DEVICE
{
TA
TSSOP-24 (PW)
TSSOP-28 (PW)
0
°C to 70°C
UCC5640PW24
UCC5640PW28
† The TSSOP packages are available taped and reeled. Add TR suffix to device type (e.g.
UCC5640PW24TR) to order quantities of 2,000 devices per reel.
CONNECTION DIAGRAM
TSSOP–24 (Top View)
PW Package
TSSOP–28 (Top View)
PW Package
DIFFB
L6+
L8–
L8+
L7–
TRMPWR
L1+
N/C
L4–
L3+
L4+
L1–
L2+
L2–
REG
L3–
DIFSENS
L7+
L6–
L5–
N/C
GND 14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16
17
18
19
20
21
22
23
24
25
26
27
28
L5+
N/C
DISCNCT
L9–
L9+
LVD
DIFFB
L6+
L8–
L8+
L7–
TRMPWR
L1+
L4–
L3+
L4+
L1–
L2+
L2–
REG
L3–
DIFSENS
L7+
L6–
L5–
12
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
L5+
L9–
L9+
GND
DISCNCT
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
TRMPWR voltage
2.7
5.25
V
Signal line voltage
0
3.6
V
Disconnect input voltage
0
TRMPWR
°C
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
{}
UCC5640
UNIT
TRMPWR voltage
6
V
Signal line voltage
0 to 3.6
V
Package dissipation
1
W
Storage temperature, Tstg
–65 to 150
Operating junction temperature, TJ
–55 to 150
°C
Lead temperature (soldering, 10 sec.)
300
C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect
to GND. Currents are positive into and negative out of, the specified terminal.
‡ Currents are positive into, negative out of the specified terminal. Consult Packaging Section of Databook for thermal limitations and
considerations of packages. All voltages are referenced to GND.


Similar Part No. - UCC5640PW28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5640PW24TR TI-UCC5640PW24TR Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640PW24TRG4 TI-UCC5640PW24TRG4 Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
More results

Similar Description - UCC5640PW28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
[Old version datasheet]   Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
   9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com