Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBS-2003 Datasheet(PDF) 4 Page - BOSER Technology Co., Ltd

Part # BBS-2003
Description  2U High, Small Box Bare Bone System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2003 Datasheet(HTML) 4 Page - BOSER Technology Co., Ltd

  BBS-2003_1 Datasheet HTML 1Page - BOSER Technology Co., Ltd BBS-2003_1 Datasheet HTML 2Page - BOSER Technology Co., Ltd BBS-2003_1 Datasheet HTML 3Page - BOSER Technology Co., Ltd BBS-2003_1 Datasheet HTML 4Page - BOSER Technology Co., Ltd BBS-2003_1 Datasheet HTML 5Page - BOSER Technology Co., Ltd BBS-2003_1 Datasheet HTML 6Page - BOSER Technology Co., Ltd BBS-2003_1 Datasheet HTML 7Page - BOSER Technology Co., Ltd BBS-2003_1 Datasheet HTML 8Page - BOSER Technology Co., Ltd BBS-2003_1 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
S
SSa
aafffe
eettty
yy IIIn
nnssstttrrru
uuccctttiiio
oon
nnsss
Before getting started, read the following important cautions.
1. The BBS-2003 does not come equipped with an operating system.
An operating system must be loaded first before installing any
software into the computer.
2. Be sure to ground yourself to prevent static charge when installing
the internal components. Use a grounding wrist strap and place all
electronic components in any static-shielded devices. Most
electronic components are sensitive to static electrical charge.
3. Disconnect the power cord from the BBS-2003 before making any
installation. Be sure both the system and the external devices are
turned OFF. Sudden surge of power could ruin sensitive
components. Make sure the BBS-2003 is properly grounded.
4. Do not open the system’s back cover. If opening the cover for
maintenance is a must, only a trained technician is allowed to do
so. Integrated circuits on computer boards are sensitive to static
electricity. To avoid damaging chips from electrostatic discharge,
observe the following precautions:
Before handling a board or integrated circuit, touch an unpainted
portion of the system unit chassis for a few seconds. This will help
to discharge any static electricity on your body.
When handling boards and components, wear a wrist-grounding
strap, available from most electronic component stores.


Similar Part No. - BBS-2003_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2003DC BOSER-BBS-2003DC Datasheet
127Kb / 2P
   2U High, Compact PC with MainBoard, two PCI slots, 70W P/S
More results

Similar Description - BBS-2003_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2520 BOSER-BBS-2520_1 Datasheet
630Kb / 30P
   Small Box Bare Bone System
BBS-2002 BOSER-BBS-2002 Datasheet
420Kb / 16P
   1U High, Small Box Bare Bone System
logo
Analog Intergrations Co...
AIC6198 AIC-AIC6198 Datasheet
186Kb / 8P
   Dual Channel Bare-Bone USB Switch
AIC6196 AIC-AIC6196 Datasheet
221Kb / 9P
   Dual Channel Bare-Bone USB Switch
AIC6193 AIC-AIC6193 Datasheet
180Kb / 8P
   Single Channel Bare-Bone USB Switch
AIC6191 AIC-AIC6191 Datasheet
217Kb / 9P
   Single Channel Bare-Bone USB Switch
logo
BOSER Technology Co., L...
BBS-1080S BOSER-BBS-1080S Datasheet
3Mb / 88P
   19??1U Height Half-size Bare Bone System with Pentium 4 Embedded Engine Board & 180W P4 ATX P/S
logo
Silicon Supplies
2N7002 SS-2N7002 Datasheet
620Kb / 4P
   Small Signal MOSFET Bare Die
2N7000 SS-2N7000 Datasheet
730Kb / 4P
   Small Signal MOSFET Bare Die
logo
Glenair, Inc.
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
   Small Junction Box
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com