Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBS-2520 Datasheet(PDF) 9 Page - BOSER Technology Co., Ltd

Part # BBS-2520
Description  Small Box Bare Bone System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2520 Datasheet(HTML) 9 Page - BOSER Technology Co., Ltd

Back Button BBS-2520_1 Datasheet HTML 5Page - BOSER Technology Co., Ltd BBS-2520_1 Datasheet HTML 6Page - BOSER Technology Co., Ltd BBS-2520_1 Datasheet HTML 7Page - BOSER Technology Co., Ltd BBS-2520_1 Datasheet HTML 8Page - BOSER Technology Co., Ltd BBS-2520_1 Datasheet HTML 9Page - BOSER Technology Co., Ltd BBS-2520_1 Datasheet HTML 10Page - BOSER Technology Co., Ltd BBS-2520_1 Datasheet HTML 11Page - BOSER Technology Co., Ltd BBS-2520_1 Datasheet HTML 12Page - BOSER Technology Co., Ltd BBS-2520_1 Datasheet HTML 13Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
3
1.4
I/O Outlets
The following figure shows the I/O arrangement of the BBS-2520.
BBS-2520 Front Panel
NO.
Description
1
External USB2.0 Ports
2
HDD LED
3
Power LED
4
Slim CD-ROM
BBS-2520 Back Panel
NO.
Description
1
Power In
2
ON/OFF Switch
3
PS/2 6-pin Mini DIN Mouse Connector
4
PS/2 6-pin Mini DIN Keyboard Connector
5/6
Serial Port Connector
7
CRT Connector
8
Audio Connector
9
RJ-45 Connector
10
External USB2.0 Ports


Similar Part No. - BBS-2520_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2520 BOSER-BBS-2520 Datasheet
131Kb / 2P
   Compact PC with MainBoard, slim CD-ROM, 180W ATX P/S
More results

Similar Description - BBS-2520_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2003 BOSER-BBS-2003_1 Datasheet
427Kb / 16P
   2U High, Small Box Bare Bone System
BBS-2002 BOSER-BBS-2002 Datasheet
420Kb / 16P
   1U High, Small Box Bare Bone System
logo
Analog Intergrations Co...
AIC6198 AIC-AIC6198 Datasheet
186Kb / 8P
   Dual Channel Bare-Bone USB Switch
AIC6196 AIC-AIC6196 Datasheet
221Kb / 9P
   Dual Channel Bare-Bone USB Switch
AIC6193 AIC-AIC6193 Datasheet
180Kb / 8P
   Single Channel Bare-Bone USB Switch
AIC6191 AIC-AIC6191 Datasheet
217Kb / 9P
   Single Channel Bare-Bone USB Switch
logo
BOSER Technology Co., L...
BBS-1080S BOSER-BBS-1080S Datasheet
3Mb / 88P
   19??1U Height Half-size Bare Bone System with Pentium 4 Embedded Engine Board & 180W P4 ATX P/S
logo
Silicon Supplies
2N7002 SS-2N7002 Datasheet
620Kb / 4P
   Small Signal MOSFET Bare Die
2N7000 SS-2N7000 Datasheet
730Kb / 4P
   Small Signal MOSFET Bare Die
logo
Glenair, Inc.
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
   Small Junction Box
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com