Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-6170 Datasheet(PDF) 9 Page - BOSER Technology Co., Ltd

Part # BPC-6170
Description  15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6170 Datasheet(HTML) 9 Page - BOSER Technology Co., Ltd

Back Button BPC-6170 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 12Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 13Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
3
Serial Port: 1 port
USB: USB2.0 port x 2
Keyboard/ Mouse: PS/2 6-pin Mini DIN
BIOS: Award BIOS with 4 Mb Flash EEPROM
Watchdog Timer: Reset; 1 sec. ~ 255 min. and 1 sec. or 1 min./step
Power In: 300W ATX power supply
Thermal System: 8cm ball bearing cooling fan x 1
EMC: CE, FCC
Front Panel Protection: IP65
Temperature: 0~+45°C (operating); -20~+70°C (storage)
Dimensions: 43.0(L) x 32.1(H) x 18.69(W) cm
BPC-6170-W
System Board: HS-7005 full-size SBC
CPU: Intel® Core™ 2 Duo Desktop/Pentium® 4/Celeron® D processor
in the LGA775 package
Memory: Two DDRII socket supports max. up to 2GB
Chipset: Intel® 915GV/ICH8DO
Backplane: HPCI-6S backplane
PCI Slot: PCI expansion slot x 4
OSD: Provides OSD function
Touch Screen: 15” resistive touch screen
Display: Onboard graphics controller
Ethernet: Onboard dual 10/100/1000 Based LAN controller
Storage:
3.5” HDD/FDD space x 2
Slim CD-ROM space x 2
Serial Port: 3 port
USB: USB2.0 port x 2
Keyboard/ Mouse: USB device
BIOS: AMI BIOS with 8 Mb Flash EEPROM
Watchdog Timer: Reset; 1 sec. ~ 255 min. and 1 sec. or 1 min./step
Power In: 300W ATX power supply
Thermal System: 8cm ball bearing cooling fan x 1
EMC: CE, FCC
Front Panel Protection: IP65
Temperature: 0~+45°C (operating); -20~+70°C (storage)
Dimensions: 43.0(L) x 32.1(H) x 18.69(W) cm


Similar Part No. - BPC-6170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPC-6170 ETC-BPC-6170 Datasheet
317Kb / 1P
   INDUSTRIAL PANEL PC SUPPORTS PENTIUM 4 CPU OSD FUNCTION KEYS FOUR PCI SLOTS
More results

Similar Description - BPC-6170

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6690 BOSER-BPC-6690_1 Datasheet
1Mb / 24P
   19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
   17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6169 BOSER-BPC-6169 Datasheet
310Kb / 1P
   15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
BPC-6690 BOSER-BPC-6690 Datasheet
213Kb / 1P
   19" High Speed Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-9215-K BOSER-BPC-9215-K Datasheet
243Kb / 1P
   15 Panel PC with Touch Screen, T56N, 1 COM, 8 USB, 180W ATX P/S
BBS-2003 BOSER-BBS-2003 Datasheet
127Kb / 2P
   2U High, Compact PC with MainBoard, two PCI slots, 70W P/S
BPC-9215-Q BOSER-BPC-9215-Q Datasheet
248Kb / 1P
   15 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9215-F BOSER-BPC-9215-F Datasheet
240Kb / 1P
   15 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9215-C BOSER-BPC-9215-C Datasheet
624Kb / 1P
   15 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-6670 BOSER-BPC-6670 Datasheet
133Kb / 1P
   15" Industrial Panel PC with one Expansion slot, 180W ATX P/S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com