Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX730 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # EX730
Description  800 Amp Clamp Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX730 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button EX730 Datasheet HTML 4Page - Extech Instruments Corporation. EX730 Datasheet HTML 5Page - Extech Instruments Corporation. EX730 Datasheet HTML 6Page - Extech Instruments Corporation. EX730 Datasheet HTML 7Page - Extech Instruments Corporation. EX730 Datasheet HTML 8Page - Extech Instruments Corporation. EX730 Datasheet HTML 9Page - Extech Instruments Corporation. EX730 Datasheet HTML 10Page - Extech Instruments Corporation. EX730 Datasheet HTML 11Page - Extech Instruments Corporation. EX730 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EX700 Series Version 3.0 1/05
9
Temperature Measurements (Models EX720 and EX730 only)
1.
Set the function switch to the TEMP position.
2.
Insert the Temperature Probe into the negative COM and the
Ω·CAP·TEMP·Hz·
positive jacks, observing polarity.
3.
Touch the Temperature Probe head to the device under test.
Continue to touch the part under test with the probe until the
reading stabilizes.
4.
Read the temperature on the display. The digital reading will
indicate the proper decimal point and value.
5.
Use the MODE button to select
oF or oC.
WARNING: To avoid electric shock, be sure the thermocouple probe has been
removed before changing to another measurement function.
Continuity Measurements
1.
Insert the black test lead into the negative COM terminal and the red test lead into the
Ω·CAP·TEMP·Hz·
positive terminal.
2.
Set the function switch to the •))) position.
3.
Use the MODE button to select continuity “•)))”. The display icons will change when
the MODE button is pressed.
4.
Touch the test probe tips across the circuit or component under test.
5.
If the resistance is < 40
Ω, a tone will sound.
Diode Test
1.
Insert the black test lead banana plug into the negative COM jack and the red test
lead banana plug into the V·
Ω·CAP·TEMP·Hz·
positive jack
2.
Turn the function switch to
position. Use the MODE button to select the diode
function if necessary (diode symbol will appear on the LCD when in Diode test mode)
3.
Touch the test probe tips to the diode or semiconductor junction under test. Note the
meter reading
4.
Reverse the test lead polarity by reversing the red and black leads. Note this reading
5.
The diode or junction can be evaluated as follows:
If one reading displays a value (typically 0.400V to 0.900V) and the other
reading displays OL, the diode is good.
If both readings display OL the device is open.
If both readings are very small or ‘0’, the device is shorted.


Similar Part No. - EX730

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
   Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
More results

Similar Description - EX730

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Extech Instruments Corp...
EX810 EXTECH-EX810 Datasheet
347Kb / 13P
   1000 Amp Clamp Meters with IR Thermometer
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Extech Instruments Corp...
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
MA430T EXTECH-MA430T Datasheet
364Kb / 1P
   MA430 Series 400A Clamp Meters NCV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com