Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57LE-40140-77C0-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # 57LE-40140-77C0-FA
Description  Right Angle Solder Dip Connectors EMI/RFI Shielding Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57LE-40140-77C0-FA Datasheet(HTML) 1 Page - DDK Ltd.

  57LE-40140-77C0-FA Datasheet HTML 1Page - DDK Ltd. 57LE-40140-77C0-FA Datasheet HTML 2Page - DDK Ltd. 57LE-40140-77C0-FA Datasheet HTML 3Page - DDK Ltd. 57LE-40140-77C0-FA Datasheet HTML 4Page - DDK Ltd. 57LE-40140-77C0-FA Datasheet HTML 5Page - DDK Ltd. 57LE-40140-77C0-FA Datasheet HTML 6Page - DDK Ltd. 57LE-40140-77C0-FA Datasheet HTML 7Page - DDK Ltd. 57LE-40140-77C0-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
57LE Series
Highly-reliable, scoop-proof cantilever con-
tact design
Intermateable with 57 family connectors
UL recognized (File No. 72124)
Right Angle Solder Dip Connectors EMI/RFI Shielding Version
SPECIFICATION
Voltage Rating
500V AC (r.m.s.)
Current Rating
3A/Contact
Dielectric Withstanding Voltage
1,200V AC (r.m.s.) for 1 minute
Insulation Resistance
1,000MΩ min. at 500V DC
Contact Resistance
35mΩ max.
Range of
operational temperature
-55 to +105℃
MATERIAL/FINISH
P/N
MATERIAL/FINISH
Insulator
PBT resin(UL94V-0) /Blue
Contact
Copper alloy/Mating area : Gold over Nickel Plating
Tail area : Sn-Ag over Nickel Plating
Shell
Brass or Steel/Nickel Plating
Spring Latch
Stainless steel
1
20Type
40Type
RoHS Compliant
57LE


Similar Description - 57LE-40140-77C0-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
408JE DDK-408JE Datasheet
211Kb / 3P
   GP-IB Cable Assembly EMI/RFI Shielding Version
logo
Bertech.
ALTC BERTECH-ALTC Datasheet
110Kb / 1P
   EMI-RFI Shielding Tape RoHS Compliant
logo
CONEC Elektronische Bau...
165X10829X CONEC-165X10829X Datasheet
59Kb / 1P
   METAL HOOD - EMI/RFI SHIELDING 9-50pos.
2001.19.02.
165X10869X CONEC-165X10869X Datasheet
55Kb / 1P
   METAL HOOD EMI/RFI SHIELDING 9-50pos.
2005.19.10.
165X10819X CONEC-165X10819X Datasheet
59Kb / 1P
   METAL HOOD EMI/RFI SHIELDING 9-50pos.
2001.19.02
165X11159X CONEC-165X11159X Datasheet
55Kb / 1P
   METAL HOOD EMI/RFI SHIELDING 9-50pos.
2005.19.10.
logo
Bud Industries, Inc.
ANS-3801 BUD-ANS-3801 Datasheet
136Kb / 3P
   ALUMINUM NEMA 4X BOX WITH EMI/RFI SHIELDING
logo
CONEC Elektronische Bau...
600X51225X CONEC-600X51225X Datasheet
30Kb / 1P
   METAL HOOD 25pos. EMI / RFI SHIELDING with jack screws
2011.05.04.
600X51209X CONEC-600X51209X Datasheet
36Kb / 1P
   METAL HOOD 9pos. EMI / RFI SHIELDING with jack screws
2003.17.10.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com