Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNC-P-3C-CR1 Datasheet(PDF) 3 Page - DDK Ltd.

Part # BNC-P-3C-CR1
Description  BNC Type Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-P-3C-CR1 Datasheet(HTML) 3 Page - DDK Ltd.

  BNC-P-3C-CR1 Datasheet HTML 1Page - DDK Ltd. BNC-P-3C-CR1 Datasheet HTML 2Page - DDK Ltd. BNC-P-3C-CR1 Datasheet HTML 3Page - DDK Ltd. BNC-P-3C-CR1 Datasheet HTML 4Page - DDK Ltd. BNC-P-3C-CR1 Datasheet HTML 5Page - DDK Ltd. BNC-P-3C-CR1 Datasheet HTML 6Page - DDK Ltd. BNC-P-3C-CR1 Datasheet HTML 7Page - DDK Ltd. BNC-P-3C-CR1 Datasheet HTML 8Page - DDK Ltd. BNC-P-3C-CR1 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
BNC Series
Unit : mm
■ Plug
Crimp Type
P/N
Applicable
Cable
φA
Finish
Hand Crimp
Tool P/N
Shell
Contact
BNC-P-1.5V-CR
1.5D-2V
5.5
Ag
Ag
CR-H-1100
1.5C-2V
BNC-P-1.5V-CR-Ni
1.5D-2V
5.5
Ni
Ag
CR-H-1100
1.5C-2V
BNC-P-2.5V-CR
2.5D-2V
5.5
Ag
Ag
CR-H-1100
2.5C-2V
BNC-P-2.5V-CR-Ni
2.5D-2V
5.5
Ni
Ag
CR-H-1100
2.5C-2V
BNC-P-179U-CR
RG-179/U
5.5
Ag
Ag
CR-H-1100
BNC-P-179U-CR-Ni
RG-179/U
5.5
Ni
Ag
CR-H-1100
BNC-P-1.5V-CR-NiCAu
1.5D-2V
5.5
Ni
Au
CR-H-1100
1.5C-2V
BNC-P-2.5V-CR-NiCAu
2.5D-2V
5.5
Ni
Au
CR-H-1100
2.5C-2V
BNC-P-188A/U
RG-188A/U
5.5
Ni
Au
CR-H-1100
BNC-P-174U-CR
RG-174/U
5.5
Ni
Au
CR-H-1100
P/N
Applicable
Cable
φA
(L)
Finish
Hand Crimp
Tool P/N
Note
Shell
Contact
BNC-P-1.5CQEW-CR10
1.5C-QEW
5.5
24.3
Ni
Au
CR-H-1100
Delta-
mate
BNC-P-1.5D-CR10
1.5D-XV
4.0
23.3
Ni
Au
CR-H-1120
Delta-
mate
1.5D-QEV
BNC-P-3C-CR10-BOOT
3C-2V
7.1
24.3
Ni
Au
CR-H-1116
Delta-
mate
BNC-P-3D-CR10-BOOT
3D-2V
7.1
24.3
Ni
Au
CR-H-1116
Delta-
mate
BNC-P-58U-CR10
RG-58/U
6.3
24.3
Ni
Au
CR-H-1115
RG-58A/U
BNC-SP-1.5DW-CR1
1.5D-QEW
4.8
29.2
Ni
Au
CR-H-1156
BNC-SP-1.5D2W-CR10-1
1.5D-QEW
5.5
24.0
Ni
Ag
CR-H-1100
1.5D-2W
BNC-P-1.5D2W-CR10-201
1.5D-QEW
5.5
24.3
Ni
Au
CR-H-1100
Delta-
mate
BNC-P-3D-CR10
3D-2V
7.1
24.3
Ni
Au
CR-H-1116
P/N
Applicable
Cable
φA
(L)
Finish
Hand Crimp
Tool P/N
Note
Shell
Contact
BNC-P-3C-CR1
3C-2V
7.0
28.0
Ag
Ag
CR-H-1102
BNC-P-3C-CRI-Ni
3C-2V
7.0
28.0
Ni
Ag
CR-H-1102
BNC-P-5C-CR10
5C-2V
9.5
28.7
Ni
Au
CR-H-1130
boot (W)
BNC-P-5C-CR10-B
5C-2V
9.5
28.7
Ni
Au
CR-H-1130
boot (B)
(31.7)
(L)
(L)
3


Similar Part No. - BNC-P-3C-CR1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
   BNC Style Connector
BNC-P-3-Ni-CF DDK-BNC-P-3-Ni-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
BNC-P-3-Ni-CF DDK-BNC-P-3-Ni-CF Datasheet
435Kb / 15P
   BNC Style Connector
BNC-P-3-NiCAu-CF DDK-BNC-P-3-NiCAu-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
More results

Similar Description - BNC-P-3C-CR1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
31-10 DDK-31-10 Datasheet
120Kb / 2P
   BNC (Isolated) Receptacle Connectors Commercial Type
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com