Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE01-1A20-14PCW-D0 Datasheet(PDF) 10 Page - DDK Ltd.

Part # CE01-1A20-14PCW-D0
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01-1A20-14PCW-D0 Datasheet(HTML) 10 Page - DDK Ltd.

Back Button CE01-1A20-14PCW-D0 Datasheet HTML 2Page - DDK Ltd. CE01-1A20-14PCW-D0 Datasheet HTML 3Page - DDK Ltd. CE01-1A20-14PCW-D0 Datasheet HTML 4Page - DDK Ltd. CE01-1A20-14PCW-D0 Datasheet HTML 5Page - DDK Ltd. CE01-1A20-14PCW-D0 Datasheet HTML 6Page - DDK Ltd. CE01-1A20-14PCW-D0 Datasheet HTML 7Page - DDK Ltd. CE01-1A20-14PCW-D0 Datasheet HTML 8Page - DDK Ltd. CE01-1A20-14PCW-D0 Datasheet HTML 9Page - DDK Ltd. CE01-1A20-14PCW-D0 Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
10
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Semi-Automatic Crimping Machine
○Contact(Crimp Type)
Part Number
Contact Type
Applicable Cable(Twisted Wire)
Package
Pin Contact
Socket Contact
Press
AWG#
Sectional Area(mm2 )
Jacket Dia.
Separate 
(100pcs/bag)
CE01- # 20P-C2-100
CE01- # 20S-C2-100
# 26 ∼# 24
0.13 ∼ 0.2
φ 1.2 ∼φ 1.5
# 22
0.3
φ 1.4 ∼φ 1.7
CE01- # 20P-C1-100
CE01- # 20S-C1-100
# 22 ∼# 18
0.3 ∼ 0.75
φ 2.3 max.
Reel 
(1,000pcs/reel)
CE01- # 20P-C2-10000
CE01- # 20S-C2-10000
# 26 ∼# 24
0.13 ∼ 0.2
φ 1.2 ∼φ 1.5
# 22
0.3
φ 1.4 ∼φ 1.7
CE01- # 20P-C1-10000
CE01- # 20S-C1-10000
# 22 ∼# 18
0.3 ∼ 0.75
φ 2.3 max.
Separate 
(100pcs/bag)
CE01- # 16P-2024-100
CE01- # 16S-2024-100
# 24 ∼# 20
0.2 ∼ 0.5
φ 3.8 max.
CE01- # 16P-1620-100
CE01- # 16S-1620-100
# 20 ∼# 16
0.5 ∼ 1.25
CE01- # 16P-1416-100
CE01- # 16S-1416-100
# 14
2.0
Reel 
(3,500pcs/reel)
CE01- # 16P-2024-3500 CE01- # 16S-2024-3500
# 24 ∼# 20
0.2 ∼ 0.5
CE01- # 16P-1620-3500 CE01- # 16S-1620-3500
# 20 ∼# 16
0.5 ∼ 1.25
CE01- # 16P-1416-3500 CE01- # 16S-1416-3500
# 14
2.0
Separate
(10pcs/bag)
CE01- # 12P-C1M-10
CE01- # 12S-C1M-10
Machine
# 16 ∼# 12
1.25 ∼ 3.5
φ 4.65 max.
CE01- # 08P-C2M-10
CE01- # 08S-C2M-10
# 12 ∼# 10
3.5 ∼ 5.5
φ 7.25 max.
CE01- # 08P-C1M-10
CE01- # 08S-C1M-10
# 10 ∼# 8
5.5 ∼ 8
Contact Part Number
Applicable Cable
Tool Kit
Part Number
Crimping Tool
Locator
Stopper
Inspection
Gauge
Extraction
Tool
AWG #
Sectional area
CE01- # 08P-C1M
CE01- # 08S-C1M
8 ∼ 10
5.5 ∼ 8.0mm2
357J-12605
(Note1)
357J-12606
357J-12607
357J-12724
357J-12609
CE01- # 08P-C2M
CE01- # 08S-C2M
10 ∼ 12
3.5 ∼ 5.5mm2
357J-12608
357J-12612
CE01- # 12P-C1M
CE01- # 12S-C1M
12 ∼ 16
1.25 ∼ 3.5mm2
357J-12725
(Note2)
357J-12610
357J-12611
357J-12723
(Note3)
CE01- # 16P-1416
CE01- # 16S-1416
14
2.0mm2
357J-13426
357J-12615
CE01- # 16P-1620
CE01- # 16S-1620
16 ∼ 20
0.5 ∼ 1.25mm2
357J-13411
CE01- # 16P-2024
CE01- # 16S-2024
20 ∼ 24
0.2 ∼ 0.5mm2
357J-13412
CE01- # 20P-C1
CE01- # 20S-C1
18 ∼ 22
0.3 ∼ 0.75mm2
357J-13413
357J-13979
CE01- # 20P-C2
CE01- # 20S-C2
22 ∼ 26
0.15 ∼ 0.3mm2
357J-13414
Note 1 : 357J-12605 is a tool kit part number which includes the crimping tool, 357J-12606, 357J-12607, 357J-12608 and 357J-12724.
The crimping tool can not be sold alone separately.
Note 2 : 357J-12725 is a tool kit part number which includes the crimping tool, the locator and the inspection gauge.
Note 3 : 357J-12723 is a part number which contains 3 pieces of the inspection gauges.
Note 4 : The tool instruction manuals are available. Contact the nearest sales office or distributor.
■ Note
1. #20 contacts are quite smaller in outer diameter than #16 contacts. Insert #20 contacts into the insert with care so as not to damage
or deform the contacts.
2. Make sure that all contacts remain fixed in the insert completely. Around the last 2 or 3 pieces of contacts should be taken care in
particular for a larger number of the contact arrangements. It is relatively harder to insert the contacts after installing a large number
of contacts into the insert since there are many wires on the wiring side.
3. Use the mating half of CE01 series pin contacts when you test the electrical continuity of the socket contacts. In case of mating the
other conductors such like a clip it causes the troubles of electrical continuity, contact retaining force or contact surface damage.
Contact Part Number
Stripper / Crimper
Crimping Machine
Kit
Press
Applicator
Kit
Press
Applicator
 CE01- # 16P-1416
 CE01- # 16S-1416
AP-A13607
CMP-300S
AP-A13607-1
 CE01- # 16P-1620
 CE01- # 16S-1620
AP-A11215
SCM-300S
AP-A11215-1
AP-A11216
CMP-300S
AP-A11216-1
 CE01- # 16P-2024
 CE01- # 16S-2024
AP-A13608
SCM-300S
AP-A13608-1
AP-A13609
CMP-300S
AP-A13609-1
 CE01- # 20P-C1
 CE01- # 20S-C1
AP-A13610
SCM-300S
AP-A13610-1
AP-A13611
CMP-200S-CB
AP-A13611-1
 CE01- # 20P-C2
 CE01- # 20S-C2
AP-A13612
SCM-300S
AP-A13612-1
AP-A13614
CMP-200S-CB
AP-A13614-1
○ Hand Crimping Tools


Similar Part No. - CE01-1A20-14PCW-D0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-1A20-14PCW-D0 DDK-CE01-1A20-14PCW-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
More results

Similar Description - CE01-1A20-14PCW-D0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-1A22-22PCW-D0 DDK-CE01-1A22-22PCW-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-14PCW-D0 DDK-CE01-1A18-14PCW-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
   JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com