Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T14L256A Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T14L256A
Description  32K X 8 HIGH SPEED CMOS STATIC RAM?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T14L256A Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T14L256A Datasheet HTML 1Page - Taiwan Memory Technology T14L256A Datasheet HTML 2Page - Taiwan Memory Technology T14L256A Datasheet HTML 3Page - Taiwan Memory Technology T14L256A Datasheet HTML 4Page - Taiwan Memory Technology T14L256A Datasheet HTML 5Page - Taiwan Memory Technology T14L256A Datasheet HTML 6Page - Taiwan Memory Technology T14L256A Datasheet HTML 7Page - Taiwan Memory Technology T14L256A Datasheet HTML 8Page - Taiwan Memory Technology T14L256A Datasheet HTML 9Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TE
CH
tm
T14L256A
Taiwan Memory Technology, Inc. reserves the right
P. 4
Publication Date: APR. 2001
to change products or specifications without notice.
Revision: E
AC CHARACTERISTICS
(Vcc =3.3V ± 5%, Vss = 0V, Ta = 0 to 70°C)
(1) READ CYCLE
T14L256A-8 T14L256A-10 T14L256A-12 T14L256A-1
5
PARAMETER
SYM.
MIN. MAX.
MIN.
MAX.
MIN.
MAX.
MIN. MAX.
UNIT
Read Cycle Time
tRC
8
-
10
-
12
-
15
-
ns
Address Access Time
tAA
-
8
-
10
-
12
-
15
ns
Chip Select Access Time
tACS
-
8
-
10
-
12
-
15
ns
Output Enable to Output Valid
tAOE
-
5
-
6
-
7
-
7
ns
Chip Selection to Output in Low Z
tCLZ*
3
-
3
-
3
-
3
-
ns
Output Enable to Output in Low Z
tOLZ
0
-
0
-
0
-
0
-
ns
Chip Deselection to Output in High Z
tCHZ*
-
4
-
5
-
6
0
7
ns
Output Disable to Output in High Z
tOHZ
-
4
-
5
-
6
0
7
ns
Output Hold from Address Change
tOH
2.5
-
3
-
3
-
3
-
ns
* These parameters are sampled but not 100% tested.
(2)WRITE CYCLE
T14L256A-8 T14L256A-10 T14L256A-12 T14L256A-15
PARAMETER
SYM.
MIN. MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
Write Cycle Time
tWC
8
-
10
-
12
-
15
-
ns
Chip Selection to End of Write
tCW
6
-
8
-
10
-
11
-
ns
Address Valid to End of Write
tAW
6
-
8
-
10
-
11
-
ns
Address Setup Time
tAS
0
-
0
-
0
-
0
-
ns
Write Pulse Width
tWP
6
-
8
-
10
-
11
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
0
-
ns
Data Valid to End of Write
tDW
5
-
6
-
8
-
8
-
ns
Data Hold from End of Write
tDH
0
-
0
-
0
-
0
-
ns
Write to Output in High Z
tWHZ
-
4
-
5
-
6
-
6
ns
Output Disable to Output in High Z
tOHZ
-
4
-
5
-
6
-
7
ns
Output Active from End of Write
tOW
0
-
0
-
0
-
0
-
ns
* These parameters are sampled but not 100% tested.


Similar Part No. - T14L256A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
68Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
T14L256A TMT-T14L256A_03 Datasheet
68Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - T14L256A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com