Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2002AN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2002AN
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2002AN Datasheet(HTML) 9 Page - Texas Instruments

Back Button ULN2002AN Datasheet HTML 5Page - Texas Instruments ULN2002AN Datasheet HTML 6Page - Texas Instruments ULN2002AN Datasheet HTML 7Page - Texas Instruments ULN2002AN Datasheet HTML 8Page - Texas Instruments ULN2002AN Datasheet HTML 9Page - Texas Instruments ULN2002AN Datasheet HTML 10Page - Texas Instruments ULN2002AN Datasheet HTML 11Page - Texas Instruments ULN2002AN Datasheet HTML 12Page - Texas Instruments ULN2002AN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
The ULN2001A is obsolete
and is no longer supplied.
ULN2001A, ULN2002A, ULN2003A, ULN2004A, ULQ2003A, ULQ2004A
HIGHVOLTAGE HIGHCURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS027G − DECEMBER 1976 − REVISED JUNE 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
COLLECTOR-EMITTER
SATURATION VOLTAGE
vs
COLLECTOR CURRENT
(ONE DARLINGTON)
0
IC − Collector Current − mA
2.5
800
0
100
200
300
400
500
600
700
0.5
1
1.5
2
II = 350 µA
II = 500 µA
TA = 25°C
II = 250 µA
2
1.5
1
0.5
700
600
500
400
300
200
100
0
800
2.5
IC(tot) − Total Collector Current − mA
0
COLLECTOR-EMITTER
SATURATION VOLTAGE
vs
TOTAL COLLECTOR CURRENT
(TWO DARLINGTONS IN PARALLEL)
II = 250 µA
II = 350 µA
II = 500 µA
TA = 25°C
Figure 12
COLLECTOR CURRENT
vs
INPUT CURRENT
0
II − Input Current − µA
500
200
0
25
50
75
100
125
150
175
50
100
150
200
250
300
350
400
450
VS = 10 V
VS = 8 V
RL = 10 Ω
TA = 25°C
Figure 13


Similar Part No. - ULN2002AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2002AN TI-ULN2002AN Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2002AN TI-ULN2002AN Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2002AN TI1-ULN2002AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2002AN TI1-ULN2002AN Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2002AN TI1-ULN2002AN Datasheet
1Mb / 39P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
JULY 2022
More results

Similar Description - ULN2002AN

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com