Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNC-PR-Ni Datasheet(PDF) 7 Page - DDK Ltd.

Part # BNC-PR-Ni
Description  BNC Type Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-PR-Ni Datasheet(HTML) 7 Page - DDK Ltd.

Back Button BNC-PR-Ni Datasheet HTML 3Page - DDK Ltd. BNC-PR-Ni Datasheet HTML 4Page - DDK Ltd. BNC-PR-Ni Datasheet HTML 5Page - DDK Ltd. BNC-PR-Ni Datasheet HTML 6Page - DDK Ltd. BNC-PR-Ni Datasheet HTML 7Page - DDK Ltd. BNC-PR-Ni Datasheet HTML 8Page - DDK Ltd. BNC-PR-Ni Datasheet HTML 9Page - DDK Ltd. BNC-PR-Ni Datasheet HTML 10Page - DDK Ltd. BNC-PR-Ni Datasheet HTML 11Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
 
BNC Series
Unit : mm
■ Panel Jack
Crimp Type
P/N
Applicable
Cable
Finish
Hand Crimp
Tool P/N
Mounting
Hole
Shell
Contact
BNC-PJ-1.5V-CR
1.5D-2V
Ag
Ag
CR-H-1100
R
1.5C-2V
BNC-PJ-1.5V-CR-Ni
1.5D-2V
Ni
Ag
CR-H-1100
R
1.5C-2V
BNC-PJ-2.5V-CR
2.5D-2V
Ag
Ag
CR-H-1100
R
2.5C-2V
BNC-PJ-2.5V-CR-Ni
2.5D-2V
Ni
Ag
CR-H-1100
R
2.5C-2V
BNC-PJ-179BU-CR
RG-179B/U
Ag
Ag
CR-H-1100
R
BNC-PJ-1.5W-CR-DI
1.5D-QEW
Ni
Au
CR-H-1100
N
BNC-PJ-1.5W-CR-Ni
1.5D-QEW
Ni
Ag
CR-H-1100
N
P/N
Applicable
Cable
Finish
Hand Crimp
Tool P/N
Shell
Contact
BNC-PJ-1.5DW-CR1
1.5D-QEW
Ni
Au
CR-H-1156
12.7
4-φ3.0
(34.5)
2.3
15.8
4-φ3.0
+0.1
-0
φ11.5
+0.1
-0
12.7 ± 0.05
4-φ3.0
+0.1
-0
φ12.0
+0.1
-0
12.7 ± 0.05
Mounting Hole R
Mounting Hole N
4-φ3.0
+0.1
-0
φ11.5
+0.1
-0
12.7 ± 0.05
Mounting Hole
12.7
4-φ3.0
(30.1)
2.29
15.77
7


Similar Part No. - BNC-PR-Ni

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
   BNC Style Connector
BNC-P-3-Ni-CF DDK-BNC-P-3-Ni-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
BNC-P-3-Ni-CF DDK-BNC-P-3-Ni-CF Datasheet
435Kb / 15P
   BNC Style Connector
BNC-P-3-NiCAu-CF DDK-BNC-P-3-NiCAu-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
More results

Similar Description - BNC-PR-Ni

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
31-10 DDK-31-10 Datasheet
120Kb / 2P
   BNC (Isolated) Receptacle Connectors Commercial Type
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com