Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T14M1024A-10J Datasheet(PDF) 8 Page - Taiwan Memory Technology

Part # T14M1024A-10J
Description  128K X 8 HIGH SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T14M1024A-10J Datasheet(HTML) 8 Page - Taiwan Memory Technology

Back Button T14M1024A-10J Datasheet HTML 2Page - Taiwan Memory Technology T14M1024A-10J Datasheet HTML 3Page - Taiwan Memory Technology T14M1024A-10J Datasheet HTML 4Page - Taiwan Memory Technology T14M1024A-10J Datasheet HTML 5Page - Taiwan Memory Technology T14M1024A-10J Datasheet HTML 6Page - Taiwan Memory Technology T14M1024A-10J Datasheet HTML 7Page - Taiwan Memory Technology T14M1024A-10J Datasheet HTML 8Page - Taiwan Memory Technology T14M1024A-10J Datasheet HTML 9Page - Taiwan Memory Technology T14M1024A-10J Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TE
CH
tm
T14M1024A
TM Technology Inc. reserves the right
P. 8
Publication Date: SEP. 2002
to change products or specifications without notice.
Revision:E
PACKAGE DIMENSIONS
32-LEAD SOJ SRAM (300 mil)
SYMBOL
DIMENSIONS IN INCHES
DIMENSIONS IN MM
A
0.140(MAX)
3.556(MAX)
A1
0.026(MIN)
0.660(MIN)
A2
0.100±0.005
2.540±0.127
B
0.018(TYP)
0.457(TYP)
B1
0.028(TYP)
0.711(TYP)
C
0.008(TYP)
0.203(TYP)
D
0.823±0.005
20.904±0.127
E
0.335±0.010
8.509±0.254
E1
0.300±0.005
7.620±0.127
e
0.050(TYP)
1.270(TYP)
L
0.086±0.010
2.184±0.254
y
0.003(MAX)
0.076(MAX)


Similar Part No. - T14M1024A-10J

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A TMT-T14M256A Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
T14M256A-8J TMT-T14M256A-8J Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A-8P TMT-T14M256A-8P Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - T14M1024A-10J

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com