Electronic Components Datasheet Search |
|
57RE-40140-830BD7A-FA Datasheet(PDF) 1 Page - DDK Ltd. |
|
57RE-40140-830BD7A-FA Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 5 page http://www.ddknet.co.jp ◎ Specifications and/or dimenssions in this catalogue are subject to change without notice. Your catalogue checking the latest speifications with our drawings would be highly appreciated. ・57RE series is light-weight and low cost version of 57LE series to unify end disc latches with shell and insulator with locator. ・Metalized shell for EMI Shield ・Intermatable with each 57, 57F, 57FE, 57JE series plug connectors. ・UL applied (File No. E72124) RoHS Compliant RoHS RoHS Compliant Compliant Right Angle Solder Termination Connectors 57RE Series Rated Voltage 500V AC(r.m.s.) Rated Current 3A / Contact Dielectric Withstanding Voltage 1200V AC(r.m.s.)at 1 minute Insulation Resistance 1000M Ω (min.) at 500V DC Contact Resistance 35m Ω (max.) Operating Temperature -55℃∼ 105℃ ITEM MATERIAL/FINISH Insulator PBT Resin(UL94V-0) / Black Shell Steel or Brass / Ni Plating Contact Copper Alooy / Au over Ni Plating Bail Lock Stainless Steel 090702 SPECIFICATIONS OUTLINE MATERIAL/FINISH |
Similar Part No. - 57RE-40140-830BD7A-FA |
|
Similar Description - 57RE-40140-830BD7A-FA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |