Electronic Components Datasheet Search |
|
57RE-40360-830BD7A-FA Datasheet(PDF) 3 Page - DDK Ltd. |
|
57RE-40360-830BD7A-FA Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 5 page Unit:mm 57RE Series http://www.ddknet.co.jp 3 ◎ Specifications and/or dimenssions in this catalogue are subject to change without notice. Your catalogue checking the latest speifications with our drawings would be highly appreciated. ○ With M30.5 Threaded Ground Tab 2.159 0.50 D A B B 2.159 D C n/2 n +1 1 M3×0. 5 Thread Contact No. M3×0. 5Thread 57RE-40360-830B(D12B)-FA FA: Lead Free Panel Mounting Screw No Digit: Brass Screw Attached A: Brass Screw Assembled B: Less Screw C: Steel Screw Attached D: Steel Screw Assembled Deviation (D12): M30.5 Threaded Ground Tab M30.5 Thread Type Part Number Number of Contact AB C D E 57RE-40140- □ 30B(D12 □)-FA 14 44.00 36.00 25.36 12.954 35.30 57RE-40240- □ 30B(D12 □)-FA 24 54.78 46.78 36.23 23.749 46.08 57RE-40360- □ 30B(D12 □)-FA 36 67.74 59.74 49.05 36.703 59.04 57RE-40500- □ 30B(D12 □)-FA 50 82.85 74.85 64.22 51.816 74.15 ○ With Threaded Board Lock / Less Bail Locks Part Number Number of Contact ABC D E 57RE-40140- □ 30B(D8 □)-FA 14 44.00 36.00 25.36 12.954 35.30 57RE-40240- □ 30B(D8 □)-FA 24 54.78 46.78 36.23 23.749 46.08 57RE-40360- □ 30B(D8 □)-FA 36 67.74 59.74 49.05 36.703 59.04 57RE-40500- □ 30B(D8 □)-FA 50 82.85 74.85 64.22 51.816 74.15 2.159 0.50 D A B B 2.159 D C n/2 n +1 1 M3×0. 5 Thread Contact No. 57RE-40360-830B(D8B)-FA FA: Lead Free Deviation (D8): Threaded Board Lock M30.5 Thread Type Less Spring Latch Contact Plating 7:Contact Area: Au(0.38 μ m)over Ni Plating Tail Area: Sn-Ag over Nickel Plating 8:Contact Area: Au(Flash) over Ni Plating Tail Area: Sn-Ag over Ni Plating Number of Contact:14, 24, 36, 50 ※ Panel mounting cut-out dimensions, PCB mounting dimensions : Type 1 (Refer to page 5.) Contact Plating 7:Contact Area: Au(0.38 μ m)over Ni Plating Tail Area: Sn-Ag over Nickel Plating 8:Contact Area: Au(Flash) over Ni Plating Tail Area: Sn-Ag over Ni Plating Number of Contact:14, 24, 36, 50 ※ Panel mounting cut-out dimensions, PCB mounting dimensions : Type 2 (Refer to page 5.) Panel Mounting Screw No Digit: Brass Screw Attached A: Brass Screw Assembled B: Less Screw C: Steel Screw Attached D: Steel Screw Assembled ※ The connector as above drawing is assembled panel maounting screws. ※ The connector as above drawing is assembled panel maounting screws. |
Similar Part No. - 57RE-40360-830BD7A-FA |
|
Similar Description - 57RE-40360-830BD7A-FA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |