Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T14M1024A-10H Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # T14M1024A-10H
Description  128K X 8 HIGH SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T14M1024A-10H Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T14M1024A-10H Datasheet HTML 1Page - Taiwan Memory Technology T14M1024A-10H Datasheet HTML 2Page - Taiwan Memory Technology T14M1024A-10H Datasheet HTML 3Page - Taiwan Memory Technology T14M1024A-10H Datasheet HTML 4Page - Taiwan Memory Technology T14M1024A-10H Datasheet HTML 5Page - Taiwan Memory Technology T14M1024A-10H Datasheet HTML 6Page - Taiwan Memory Technology T14M1024A-10H Datasheet HTML 7Page - Taiwan Memory Technology T14M1024A-10H Datasheet HTML 8Page - Taiwan Memory Technology T14M1024A-10H Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TE
CH
tm
T14M1024A
TM Technology Inc. reserves the right
P. 2
Publication Date: SEP. 2002
to change products or specifications without notice.
Revision:E
DC CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYM
RATING
UNIT
Power Supply Voltage
Vcc
-0.5 to 7.0
V
Input Voltage
VIN
-0.5 to Vcc+0.5
V
Output Voltage
VOUT
-0.5 to Vcc+0.5
V
Operating Temperatrue
TOPR
0 to +70
°C
Storage Temperature
TSTG
-55 to +150
°C
Power Dissipation
PD
1.0
W
Short Circuit Output Current
IOUT
50
mA
TRUTH TABLE
CE1
CE2
OE
WE
MODE
I/O0- I/O7
Vcc
H
X
X
X
Not Selected
High-Z
I
SB, I
SB1
X
L
X
X
Not Selected
High-Z
I
SB, I
SB1
L
H
H
H
Output Disable
High-Z
Icc
L
H
L
H
Read
Data Out
Icc
L
H
X
L
Write
Data In
Icc
OPERATING CHARACTERISTICS
(Vcc = 5V
± 10%, Ta = 0 to 70°C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
MAX.
UNIT
Power Supply Voltage
Vcc
4.5
5.5
V
Input Low Voltage
VIL
-0.5
0.8
V
Input High Voltage
VIH
2.2
Vcc+0.5
V
Input Leakage Current
I
LI
VIN =Vss to Vcc
-
5
uA
Output Leakage Current
I
LO
VIN=Vss to Vcc , CE1 = VIH or CE2
= VIL or OE = VIH or WE = VIL
-
5
uA
Output Low Voltage
V
OL
I
OL = 4.0 mA
-
0.4
V
Output High Voltage
V
OH
I
OH =-2.0 mA
2.4
-
V
Operating Power
Icc
CE1
=
V
IL
10ns
-
110
mA
Supply Current
CE2 = VIH ;f=max
12ns
-
105
mA
IO = 0mA
15ns
-
100
mA
Standby Power
I
SB
CE1
=
V
IH , CE2 = VIL, IO = 0mA
-
25
mA
Supply Current
I
SB1
Vcc = max; CE1
≥ Vcc-0.2V or CE2
≤ Vss+0.2V; f=0mhz; IO = 0mA
-
5
mA
Note: Typical characteristics are at Vcc = 5V, Ta = 25
°C


Similar Part No. - T14M1024A-10H

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A TMT-T14M256A Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
T14M256A-8J TMT-T14M256A-8J Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A-8P TMT-T14M256A-8P Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - T14M1024A-10H

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com