Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T15L256A-70P Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T15L256A-70P
Description  32K X 8 LOW POWER CMOS STATIC RAM???
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15L256A-70P Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T15L256A-70P Datasheet HTML 1Page - Taiwan Memory Technology T15L256A-70P Datasheet HTML 2Page - Taiwan Memory Technology T15L256A-70P Datasheet HTML 3Page - Taiwan Memory Technology T15L256A-70P Datasheet HTML 4Page - Taiwan Memory Technology T15L256A-70P Datasheet HTML 5Page - Taiwan Memory Technology T15L256A-70P Datasheet HTML 6Page - Taiwan Memory Technology T15L256A-70P Datasheet HTML 7Page - Taiwan Memory Technology T15L256A-70P Datasheet HTML 8Page - Taiwan Memory Technology T15L256A-70P Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TE
CH
tm
T15L256A
Taiwan Memory Technology, Inc. reserves the right
P. 1
Publication Date: APR. 2001
to change products or specifications without notice.
Revision:C
SRAM
32K X 8 LOW POWER
CMOS STATIC RAM
FEATURES
• Access time: 35ns/70ns
• Low power consumption : Active 200 mW(typ.)
• Low operating current : 50mA
• Single + 3.3V power supply
• Fully static operation – No clock or refreshing
required
• All inputs and outputs directly LVTTL compatible
• Common I/O capability
• Available packages : 28-pin 300 mil SOJ, 28-pin
SOP, TSOP-I (forward type ).
• Output enable (OE ) available for very fast access
PIN CONFIGURATION
A12
A14
A7
A6
A5
A3
A4
A2
A1
A0
I/O1
I/O2
I/O3
Vss
28
27
26
25
23
24
22
21
20
19
18
17
16
15
1
2
3
4
6
5
7
8
9
10
11
12
13
14
Vcc
A13
A8
A9
A11
A10
I/O8
I/O7
I/O6
I/O5
I/O4
WE
OE
CS
SOJ
&
SOP
GENERAL DESCRIPTION
The T15L256A is a high speed, low power
CMOS static RAM organized as 32,768 x 8 bits that
operates on a single 3.3-volt power supply.
This
device is packaged in standard 28-pin 300 mil SOJ ,
28-pin SOP, TSOP-I forward.
BLOCK DIAGRAM
DECODER
CONTROL
A0
A14
CS
OE
WE
← I / O 1
← I / O8
Vcc
DATA I/O
CORE
ARRAY
Vss
.
.
.
.
.
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A14
Address Inputs
I/O1 - I/O8
Data Inputs/Outputs
CS
Chip Select Inputs
WE
Write Enable
OE
Output Enable
Vcc
Power Supply
Vss
Ground
PART NUMBER EXAMPLES
PACKAGE
SPEED
T15L256A-35J
SOJ
35ns
T15L256A-70P
TSOP-I
70ns
T15L256A-70D
SOP
70ns
TSOP-I
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2


Similar Part No. - T15L256A-70P

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Mercury United Electron...
T15 MERCURY-T15 Datasheet
82Kb / 2P
   32.768 KHz Tuning Fork Watch Crystals
logo
List of Unclassifed Man...
T150 ETC1-T150 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
logo
Fluke Corporation
T150 FLUKE-T150 Datasheet
1Mb / 4P
   Voltage Continuity Tester
T150 FLUKE-T150 Datasheet
815Kb / 4P
   Voltage and Continuity Testers
More results

Similar Description - T15L256A-70P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com