Electronic Components Datasheet Search |
|
CE05-6A24-10SD-D Datasheet(PDF) 9 Page - DDK Ltd. |
|
CE05-6A24-10SD-D Datasheet(HTML) 9 Page - DDK Ltd. |
9 / 10 page Unit:mm http://www.ddknet.co.jp CE05 Series 9 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○Waterproof Cable Clamp P/N : CE3057-10A-1-D ①② ③ ① Clamp Size 4A, 10A, 12A, 16A and 20A ② Bushing Size Rubber Bushing (Refer to the applicable cable size) ③ Finish D:Black Trivalent Chromium Treatment (D) C 1.5 A 0.7 φE V Thread (Outer Dimension of Bushing) Part Number Applicable Shell Size A B C (D) E F G V Bushing P/N Applicable Cable Size CE3057-4A-1-D 10SL,12S 20.62 20.6 10.31 (41.3) 8.0 5.6 22.2 5/8-24UNEF-2B CE3420-4-1 φ 3.6 ∼φ 5.6 CE3057-6A-1-D 14S 22.20 24.6 10.31 (41.3) 10.8 9.0 27.0 3/4-20UNEF-2B CE3420-6-1 φ 7.0 ∼φ 9.0 CE3057-10A-1-D 18 23.83 30.1 10.31 (41.3) 15.8 14.1 31.7 1-20UNEF-2B CE3420-10-1 φ 10.5 ∼φ 14.1 CE3057-10A-2-D 11 CE3420-10-2 φ 8.5 ∼φ 11.0 CE3057-10A-3-D 8.7 CE3420-10-3 φ 6.5 ∼φ 8.7 CE3057-12A-1-D 20 22 23.83 35 10.31 (41.3) 19.0 16 37.3 1 3/16-18UNEF2B CE3420-12-1 φ 12.5 ∼φ 16.0 CE3057-12A-2-D 13 CE3420-12-2 φ 9.5 ∼φ 13.0 CE3057-12A-3-D 10 CE3420-12-3 φ 6.8 ∼φ 10.0 CE3057-12A-7-D 17 CE3420-12-7 φ 14.5 ∼φ 17.0 CE3057-16A-1-D 24 28 26.19 42.1 10.31 (41.3) 23.8 19.1 42.9 1 7/16-18UNEF-2B CE3420-16-1 φ 15.0 ∼φ 19.1 CE3057-16A-2-D 15.5 CE3420-16-2 φ 13.0 ∼φ 15.5 CE3057-16A-4-D 21.5 CZY005-GB-3 φ 19.1 ∼φ 21.5 CE3057-16A-6-D 20 CE3420-16-6 φ 18.5 ∼φ 20.0 CE3057-16A-7-D 13.5 CE3420-16-7 φ 11.5 ∼φ 13.5 CE3057-16A-8-D 12.5 CZY005-GB-5 φ 10.5 ∼φ 12.5 CE3057-20A-1-D 32 27.79 51.6 11.91 (43.0) 32.0 23.8 51.6 1 3/4-18UNS-2B CE3420-20-1 φ 22.0 ∼φ 23.8 CE3057-20A-2-D 26.6 CE3420-20-2 φ 24.0 ∼φ 26.6 CE3057-20A-3-D 22.5 CE3420-20-3 φ 22.0 ∼φ 22.5 CE3057- □□ A- □ -D is a waterproof cable clamp for use with a plug. The cable clamp has a waterproof rubber bushing. So make sure to use a cabtyre cable meeting one of the applicable cable size ranges as shown below. The cable clamp should be used together with a waterproof backshell. MATERIAL Material Finish Cable Clamp Body and Metal Fastener Aluminum Alloy Black Trivalent Chromium Treatment Bushing Synthetic Rubber Black MATERIAL/FINISH |
Similar Part No. - CE05-6A24-10SD-D |
|
Similar Description - CE05-6A24-10SD-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |