Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2802PWTR Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2802PWTR
Description  Low-Power BiCMOS Current-Mode PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2802PWTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2802PWTR Datasheet HTML 2Page - Texas Instruments UCC2802PWTR Datasheet HTML 3Page - Texas Instruments UCC2802PWTR Datasheet HTML 4Page - Texas Instruments UCC2802PWTR Datasheet HTML 5Page - Texas Instruments UCC2802PWTR Datasheet HTML 6Page - Texas Instruments UCC2802PWTR Datasheet HTML 7Page - Texas Instruments UCC2802PWTR Datasheet HTML 8Page - Texas Instruments UCC2802PWTR Datasheet HTML 9Page - Texas Instruments UCC2802PWTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
UCC1800/1/2/3/4/5
UCC2800/1/2/3/4/5
UCC3800/1/2/3/4/5
Figure 1. Oscillator.
Figure 2. Error amplifier gain/phase response.
The UCC3800/1/2/3/4/5 oscillator generates a sawtooth
waveform on RC. The rise time is set by the time constant
of RT and CT. The fall time is set by CT and an internal tran-
sistor on-resistance of approximately 125 . During the fall
time, the output is off and the maximum duty cycle is re-
duced below 50% or 100% depending on the part number.
Larger timing capacitors increase the discharge time and re-
duce the maximum duty cycle and frequency.
4.00
3.98
3.96
3.94
3.92
3.90
3.88
3.86
3.84
3.82
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
V
(V)
CC
Figure 3. UCC1803/5 VREF vs. VCC;ILOAD = 0.5mA.
1000
100
10
10
100
1000
R(k)
T
100pF
200pF
330pF
1nF
Figure 4. UCC1800/1/2/4 oscillator frequency vs. RT and
CT.


Similar Part No. - UCC2802PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2802PW TI1-UCC2802PW Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2802PW TI-UCC2802PW Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2802PW TI1-UCC2802PW Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2802PW TI1-UCC2802PW Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2802PWG4 TI1-UCC2802PWG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC2802PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com