Selected language     English  ā–¼


H-HP803-XX Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part No. H-HP803-XX
Description  3W Hexagon Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROITHNER [Roithner LaserTechnik GmbH]
Homepage  http://www.roithner-laser.com
Logo 

   
 2 page
background image
Absolute Maximum Ratings at Ta=25C
Parameter
Symbol
Max
Unit
Power Dissipation
PD
3
W
Pulse Forward Current
IPF
1000
mA
Forward Current
IF
700
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
- 40 to +85
C
Storage Temperature Range
Tstg
- 40 to + 85
C
Flux Characteristics at 700mA , Junction Temperature, TJ= 25C
Color
Model
Typ.(Lumens)
Angle
White
H-HP803NW
55 lm
120
Warm White
H-HP803WW
45 lm
120
Blue
H-HP803NB
16 lm
120
Cyan
H-HP803CN
40 lm
120
Pure Green
H-HP803PG
55 lm
120
Amber
H-HP803NO
40 lm
120
Red
H-HP803NR
55 lm
120
Optical Characteristics at 700mA , Junction Temperature, TJ = 25C
CCT / Ī»D
Color
Min.
Typ.
Max.
Ī»
Ī»/T
White
5000K
6000K
7000K
--
--
Warm White
2850K
3300K
3800K
--
--
Blue
460nm
470nm
475nm
25
0.04
Cyan
490nm
505nm
515nm
30
0.04
Pure Green
520nm
530nm
540nm
35
0.04
Amber
587nm
590nm
595nm
20
0.05
Red
620nm
625nm
645nm
20
0.05




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl