Selected language     English  ā–¼


H-HP803NW Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part No. H-HP803NW
Description  3W Hexagon Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROITHNER [Roithner LaserTechnik GmbH]
Homepage  http://www.roithner-laser.com
Logo 

   
 4 page
background image
Typical Electrical / Optical Characteristics Curves
Amber
760
740
Red
700
680
620 640 660
720
100
Green
560 580
540
500 520
80
40
60
480
460
20
420
400
0
440
Wavelength (nm)
600
Spectrum Distribution
Yellow
Cyan
Blue
Pure Blue
Spectrum Distribution




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl