Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H-HP803NW Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # H-HP803NW
Description  3W Hexagon Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

H-HP803NW Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  H-HP803NW Datasheet HTML 1Page - Roithner LaserTechnik GmbH H-HP803NW Datasheet HTML 2Page - Roithner LaserTechnik GmbH H-HP803NW Datasheet HTML 3Page - Roithner LaserTechnik GmbH H-HP803NW Datasheet HTML 4Page - Roithner LaserTechnik GmbH H-HP803NW Datasheet HTML 5Page - Roithner LaserTechnik GmbH H-HP803NW Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
H-HP803-xx 3W Hexagon Power LED Series
Features
Highest Flux
Very long operating life ( life >> 50000hr )
More Energy Efficient than Incandescent and most Halogen lamps
Low voltage DC operated
Instant light (less than 100 ns)
Superior ESD protection
Package Dimensions
Notes
1.
Drawings not to scale
2.
All dimensions are in millimeters .
3.
Tolerance is ±0.1mm unless otherwise noted.
4.
Protruded resin under flange is 1.0mm max.
5.
Lead spacing is measured where the leads emerge from the package.
6.
Specifications are subject to change without notice.
7.
Precautions for ESD:
STATIC SHIELD Electricity and surge damages the LED. It is recommended to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be
properly grounded


Similar Part No. - H-HP803NW

ManufacturerPart #DatasheetDescription
logo
THOR communications
H-HDMI-IP THOR-H-HDMI-IP Datasheet
95Kb / 1P
   Typical H-HDMI-IP Application
More results

Similar Description - H-HP803NW

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
   3W Power LED
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
   3W Power LED
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
   3W Power LED
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
logo
Roithner LaserTechnik G...
R-HP803XX ROITHNER-R-HP803XX Datasheet
192Kb / 6P
   3W Rectangular Power LED Series
HP-803XX ROITHNER-HP-803XX Datasheet
198Kb / 6P
   3W Emitter Power LED Series
logo
Elite Enterprises (H.K....
PM2B-3LXE-SD ELITE-PM2B-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
logo
LIGITEK electronics co....
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com