Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H-HP803WW Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # H-HP803WW
Description  3W Hexagon Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

H-HP803WW Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  H-HP803WW Datasheet HTML 1Page - Roithner LaserTechnik GmbH H-HP803WW Datasheet HTML 2Page - Roithner LaserTechnik GmbH H-HP803WW Datasheet HTML 3Page - Roithner LaserTechnik GmbH H-HP803WW Datasheet HTML 4Page - Roithner LaserTechnik GmbH H-HP803WW Datasheet HTML 5Page - Roithner LaserTechnik GmbH H-HP803WW Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Electrical / Optical Characteristics Curves
Amber
760
740
Red
700
680
620 640 660
720
100
Green
560 580
540
500 520
80
40
60
480
460
20
420
400
0
440
Wavelength (nm)
600
Spectrum Distribution
Yellow
Cyan
Blue
Pure Blue
Spectrum Distribution


Similar Part No. - H-HP803WW

ManufacturerPart #DatasheetDescription
logo
THOR communications
H-HDMI-IP THOR-H-HDMI-IP Datasheet
95Kb / 1P
   Typical H-HDMI-IP Application
More results

Similar Description - H-HP803WW

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
   3W Power LED
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
   3W Power LED
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
   3W Power LED
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
logo
Roithner LaserTechnik G...
R-HP803XX ROITHNER-R-HP803XX Datasheet
192Kb / 6P
   3W Rectangular Power LED Series
HP-803XX ROITHNER-HP-803XX Datasheet
198Kb / 6P
   3W Emitter Power LED Series
logo
Elite Enterprises (H.K....
PM2B-3LXE-SD ELITE-PM2B-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
logo
LIGITEK electronics co....
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com