Selected language     English  ▼


H-HP803WW Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part No. H-HP803WW
Description  3W Hexagon Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROITHNER [Roithner LaserTechnik GmbH]
Homepage  http://www.roithner-laser.com
Logo 

   
 5 page
background image
Forward Current VS. Forward Voltage
Lum inous Intensity VS. Forward Current
125
100
Forward Voltage(VF) -Volts
200
0
0
1.0
400
2.0
3.0
Yellow/Red
600
800
1000
4.0
5.0
Blue/Green
White
Forward Current IF (m A)
25
0
0
200
50
400
600
75
800
1000
Forward Current VS. Ambient Temperature
90¢X
Ambient Temperature (¢X
C)
0
0
50
100
150
200
0.6
0.4
0
0.2
0.1
0.5
0.3
Yellow/Red
Blue/Green
White
Radiation Diagram
40¢X
60¢X
70¢X
80¢X
50¢X
10¢X
30¢X
20¢X
0¢X
1.0
0.9
0.7
0.8
250
500
750
1000




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl