Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T15M1024A-100P Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T15M1024A-100P
Description  128K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M1024A-100P Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T15M1024A-100P Datasheet HTML 1Page - Taiwan Memory Technology T15M1024A-100P Datasheet HTML 2Page - Taiwan Memory Technology T15M1024A-100P Datasheet HTML 3Page - Taiwan Memory Technology T15M1024A-100P Datasheet HTML 4Page - Taiwan Memory Technology T15M1024A-100P Datasheet HTML 5Page - Taiwan Memory Technology T15M1024A-100P Datasheet HTML 6Page - Taiwan Memory Technology T15M1024A-100P Datasheet HTML 7Page - Taiwan Memory Technology T15M1024A-100P Datasheet HTML 8Page - Taiwan Memory Technology T15M1024A-100P Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TE
CH
tm
T15M1024A
TM Technology Inc. reserves the right
P. 1
Publication Date: FEB. 2002
to change products or specifications without notice.
Revision:A
SRAM
128K X 8 LOW POWER
CMOS STATIC RAM
FEATURES
• Low-power consumption
- Active: 40mA at 55ns
- Stand-by: (CMOS input/output)
0 ~ +70
°C = 15uA
-40 ~ +85
°C = 20uA
• 55/70/100 ns access time
• Equal access and cycle time
• Single +5V (±10%) Power Supply
• TTL compatible , Tri-state output
• Common I/O capability
• Automatic power-down when deselected
• Available in 32-pin SOP ,TSOP-I(8x20mm),
TSOP-I(8x13.4mm) and DIP (600 mil) package.
PART NUMBER EXAMPLES
PART NO.
PACKAGE
CODE
Operating
Temperature
T15M1024A-55D
T15M1024A-70H
T15M1024A-100P
T15M1024A-100N
D=SOP
H=TSOP-I(8x20)
P=TSOP-I(8x13.4)
N=DIP (600 mil)
0 ~ +70
°C
T15M1024A-55DI
T15M1024A-70HI
T15M1024A-100PI
T15M1024A-100NI
D=SOP
H=TSOP-I(8x20)
P=TSOP-I(8x13.4)
N=DIP (600 mil)
-40 ~ +85
°C
GENERAL DESCRIPTION
The T15M1024A is a very Low Power CMOS
Static RAM organized as 131,072 words by 8 bits.
That operates on a wide voltage range from +5V
(
±10%) power supply, Fabricated using high
performance
CMOS
technology,
Inputs
and
three-state outputs are TTL compatible and allow
for direct interfacing with common system bus
structures. Data retention is guaranteed at a power
supply voltage as low as 1.5V.
BLOCK DIAGRAM
DECODER
A0
A16
I/O8
Vcc
.
.
.
...
DATA I/O
CORE
ARRAY
Vss
I/O1
WE
OE
CE1
CONTROL
CIRCUIT
CE2


Similar Part No. - T15M1024A-100P

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A-100P TMT-T15M1024A-100P Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-100PI TMT-T15M1024A-100PI Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M1024A-100P

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com