Electronic Components Datasheet Search
Selected language     English  â–Ľ


H-HP803CN Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part No. H-HP803CN
Description  3W Hexagon Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROITHNER [Roithner LaserTechnik GmbH]
Homepage  http://www.roithner-laser.com
Logo 

   
 3 page
background image
Electrical Characteristics at 700mA , Junction Temperature, TJ = 25C
Forward Voltage
Color
Min.
Typ.
Max.
/W
Thermal Resistance,
Junction To Case
V/T
White
3.8 v
4.0 v
4.2 v
15
-2.0
Warm White
3.8 v
4.0 v
4.2 v
15
-2.0
Blue
3.8 v
4.0 v
4.2 v
15
-2.0
Cyan
3.6 v
3.8 v
4.2 v
15
-2.0
Pure Green
3.6 v
3.8 v
4.2 v
15
-2.0
Amber
2.8 v
3.0 v
3.2 v
18
-2.0
Red
2.8 v
3.0 v
3.2 v
18
-2.0
Notes
1.
Minimum luminous flux or radiometric power performance guaranteed within published operating
conditions. maintains a tolerance of ±10% on flux and power measurements
2.
Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the
perceived color. maintains a tolerance of± 1 nm for dominant wavelength measurements.
3.
CCT ±5% tester tolerance.
Precautions For Use
Over–current–proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause
big current change
Burn out will happen




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl