Selected language     English  ▼


H-HP803CN Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part No. H-HP803CN
Description  3W Hexagon Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROITHNER [Roithner LaserTechnik GmbH]
Homepage  http://www.roithner-laser.com
Logo 

   
 6 page
background image
ROITHNER LASERTECHNIK, A-1040 Vienna, Austria, Wiedner Hauptstrasse 76, Top 9/1
Tel.: +43-1-586 52 43 - 0, Fax.: +43-1-586 52 43 44
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
Reliability Test Items and Conditions
No.
Item
Test Conditions
Test time
Ac⁄Re
1
Solder Heat
260±5C
5 sec
0⁄1
-40C
25C
105C
25C
2
Temperature Cycle
30 min
5 min
30 min
5 min
100cycle
0⁄1
-40C
105C
3
Thermal Shock
5 min
5 min
20 cycle
0⁄1
4
High Temperature Storage
85C
1000 hrs
0⁄1
5
Low Temperature Storage
-35C
1000 hrs
0⁄1
6
DC Operating Life
IF 700mA
1000 hrs
0⁄1
7
High Temperature⁄High Humidity
Ta 60CR.H 90.
1000 hrs
0⁄1
Forward Voltage Vf
Vfmax Increase <1.2x
Reverse Current IR
IR max Increase <2x
Judgment Criteria
Luminous Intensity Flux
Iv Decay < 50%
NoteMeasurement shall be taken after the tested samples have been returned to normal ambient conditions.
Soldering heat reliability DIP Please refer to the following figure
Soldering heat 260¢JMax.
¢J
Preheat
245
¡Ó
5¢Jwithin 5 sec




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl