Selected language     English  ā–¼


H-HP803NO Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part No. H-HP803NO
Description  3W Hexagon Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROITHNER [Roithner LaserTechnik GmbH]
Homepage  http://www.roithner-laser.com
Logo 

   
 1 page
background image
H-HP803-xx 3W Hexagon Power LED Series
Features
Highest Flux
Very long operating life ( life >> 50000hr )
More Energy Efficient than Incandescent and most Halogen lamps
Low voltage DC operated
Instant light (less than 100 ns)
Superior ESD protection
Package Dimensions
Notes
1.
Drawings not to scale
2.
All dimensions are in millimeters .
3.
Tolerance is Ā±0.1mm unless otherwise noted.
4.
Protruded resin under flange is 1.0mm max.
5.
Lead spacing is measured where the leads emerge from the package.
6.
Specifications are subject to change without notice.
7.
Precautions for ESD:
STATIC SHIELD Electricity and surge damages the LED. It is recommended to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be
properly grounded




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl