Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35L3HX-60 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # 35L3HX-60
Description  HIGH POWER LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

35L3HX-60 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  35L3HX-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH 35L3HX-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electro-Optical Characteristics (Ta=25
0C)
Chip
size
Wave
length
Forward
Current
Forward
Voltage
Luminous
Intensity
Viewing
angle
Specifications
(mil)
Emitting
Color
λ
D(nm)
IF (mA)
VF(V)
IV(mcd)
2
θ1/2
35L3-HB-60
40X40
Blue
460—470
1050
≤4.0
28000
60
0
35L3-HW-60
40X40
White
——
1050
≤4.0
20000
60
0
35L3-HG-60
40X40
Green
520—530
1050
≤3.8
28000
60
0
35L3-HR-60
40X40
Red
620—630
1050
≤2.8
20000
60
0
35L3-HY-60
40X40
Yellow
585—595
1050
≤2.8
24000
60
0
35L3-HRGB-60
40X40
RGB
——
3 x 350
——
24000
60
0
Absolute maximum ratings (Ta=25
0C)
Parameter
Symbol
Value
Unit
Reverse Voltage
VRM
6.0
V
Reverse Current
IR
≤150
µA
Power Dissipation
PD
3000
mW
Working Temperature
TOPR
-20 ... +50
°C
Soldering Temperature
TSTG
-40 ... +80
°C
Soldering Temperature
TSLD
260°C (5s)
°C
ROITHNER LASERTECHNIK
A-1040 Vienna, Austria
Schoenbrunner Strasse 7
Tel.: +43-1-586 52 43 - 0
Fax.: +43-1-586 52 43 44
office@roithner-laser.com
www.roithner-laser.com


Similar Part No. - 35L3HX-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
35L3 ROITHNER-35L3 Datasheet
117Kb / 1P
   Power LED Series & Accessories
More results

Similar Description - 35L3HX-60

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com