Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380SMD100 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 380SMD100
Description  3.0 x 2.2 x 1.5 mm쨀 TOP LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

380SMD100 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  380SMD100 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.0 x 2.2 x 1.5 mm³ TOP LED
Part No.
380SMD100
Spec No.
S/N-02091101
Page
1 of 1
Technical Data
DESCRIPTION
Device Type
380SMD100
Dice Material
GaN
Light Color
UV Light
Package Dimensions:
Absolute Maximum Ratings at Ta = 25 °C
Parameter
MAX.
Unit
Power Dissipation
100
mW
DC Forward Current
30
mA
Operation Temperature
Topr: -25 ~ +85
°C
Storage emperature
Topr: -25 ~ +100
°C
Reverse Voltage
5
V
Lead Soldering Temperature[1.6mm From Body] 260℃ for 3Seconds
Electrical Optical Characteristics at Ta = 25 °C
Description
Symbol Min. Typ. Max. Unit
Test Condition
Luminous Intensity
Iv
-
148
-
mcd
IF = 20 mA
Viewing Angle
1/2
-
120
-
Deg
IF = 20 mA
Spectral Line Half-Width
△λ
-15
-
nm
IF = 20 mA
Forward Voltage
VF
-3.5
4.0
V
IF = 20 mA
Reverse Current
IR
-
-
10
µA
VR = 5 V
Peak Emission Wavelength
λ
p
378
-
383
nm
IF = 20 mA
Notes:
1. Soldering shall be performed after lead forming.
2. All dimensions are in millimeters.
3. Static electricity damages the LEDs. It is recommended to fully care when handing
products.


Similar Part No. - 380SMD100

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380SM018B08 GLENAIR-380SM018B08 Datasheet
84Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380SM018B10 GLENAIR-380SM018B10 Datasheet
84Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380SM018B12 GLENAIR-380SM018B12 Datasheet
84Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380SM018B14 GLENAIR-380SM018B14 Datasheet
84Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380SM018B16 GLENAIR-380SM018B16 Datasheet
84Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results

Similar Description - 380SMD100

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG1102W STANLEY-BG1102W Datasheet
679Kb / 21P
   Outer Dimension 3.0 x 1.5 x 1.5mm
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
   5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015QBC-D TO-GRACE-KPL-3015QBC-D Datasheet
866Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015ZGC TO-GRACE-KPL-3015ZGC Datasheet
814Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015CGCK TO-GRACE-KPL-3015CGCK Datasheet
876Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APL3015ZGCK-F01 KINGBRIGHT-APL3015ZGCK-F01 Datasheet
287Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015SECK TO-GRACE-KPL-3015SECK Datasheet
867Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015EC TO-GRACE-KPL-3015EC Datasheet
867Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015YC TO-GRACE-KPL-3015YC Datasheet
860Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015SYCK TO-GRACE-KPL-3015SYCK Datasheet
819Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com