Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

383URC-2 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # 383URC-2
Description  T-1 3/4(5mm) High Intensity LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

383URC-2 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  383URC-2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH 383URC-2 Datasheet HTML 2Page - Roithner LaserTechnik GmbH 383URC-2 Datasheet HTML 3Page - Roithner LaserTechnik GmbH 383URC-2 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 



 " #$






!% &'"()
 &
/+!#
&
3&
5! ) % &
2(

*
  
$!"


  
$ &


  
$ !#
*2

!)  "&!
%

:
3 45  
$ 678
9:;"
2(;<

*
 !#&

=


 *+
 &
/+!#
02
$>
0*6
3&
!%&!
( 
2



% 2(?*
< 




%
2(?*
3 4#  
"

77


2(?*
 
%

7


2(?*
-  ,
=





2(?*
5  <
(
=
8


2(?*
,  $ 
2



*
 ?=


Similar Part No. - 383URC-2

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-1/SN/F180 ROITHNER-383URC-1/SN/F180 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3 Datasheet
23Kb / 1P
   RED GaAlAs LED
383URC-3 ROITHNER-383URC-3 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
More results

Similar Description - 383URC-2

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Visual Communications C...
4303MC VCC-4303MC Datasheet
100Kb / 1P
   Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
   Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
Visual Communications C...
4311 VCC-4311 Datasheet
79Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com