Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSO-AD-500-TO52 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # SSO-AD-500-TO52
Description  Avalanche Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SSO-AD-500-TO52 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  SSO-AD-500-TO52 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SSO-AD-500-TO52 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings:
max. electrical power dissipation
100 mW at 22°C
max. optical peak value, once
200 mW for 1 s
max. continous optical operation
IPh (DC)
≤ 250 µA
≤ 1 mA for signal 50 µs "on" / 1 ms "out"
( Pelectr. = Popt. * Sabs * M * UR )
Application hints:
Current limit is to be realized via protecting resistor or current limiting - IC inside the
supply voltage.
Use of low noise read-out - IC.
For higher gain a regulation of bias voltage due to the temperature is to be realized.
For very small signals stray light (noise source) is to be excluded by filters in order to
improve the signal-noise relation.
Avoid touching the window with fingers!
Careful cleaning with Ethyl alcohol possible.
Avoid use of pointed and scratching tools!
Handling precautions:
Soldering temperature
260°C for max. 10 s. The device must be protected against solder flux vapour!
min. Pin - length
2mm
ESD - protection
Only small danger for the device. Standard precautionary measures are sufficient.
Storage
Store devices in conductive foam.
2000/02
SSO-AD 500
Ctot = f(UR) at f=100kHz
0
5
10
15
20
25
30
35
40
0
2040
6080
100
UR (V)
SSO - AD - serie (versions 500, 800, 1100, 2500)
gain = f(UR/UBR) at
λ=880 nm
1
10
100
1000
10000
0
0,2
0,4
0,6
0,8
1
UR/UBR
M
SSO-AD 500 LC
dark current = f(UR)
0,01
0,1
1
10
100
1000
0
20
40
60
80
100
120
140
160
180
UR (V)
SSO - AD - serie
Spectral Responsivity at M=1
0,000
0,100
0,200
0,300
0,400
0,500
0,600
400
500
600
700
800
900
1000
1100
Wavelength (nm)
SSO - AD - serie
Spectral Responsivity at M=100
0
10
20
30
40
50
60
400
500
600
700
800
900
1000
1100
Wavelength (nm)
SSO - AD - serie
quantum efficiency for M=1
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
1,00
400
480
560
640
720
800
880
960
1040
wavelength (nm)
APD
Bias supply voltage
min. 0,1 µF,
closest to APD
Current limiting resistor
Read-out circuit or
f.e. 50
Ω Load resistance
Diode, protective circuit


Similar Part No. - SSO-AD-500-TO52

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SSO-AD-500-TO52-S1 ROITHNER-SSO-AD-500-TO52-S1 Datasheet
134Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52I ROITHNER-SSO-AD-500-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52NF ROITHNER-SSO-AD-500-TO52NF Datasheet
54Kb / 2P
   Avalanche Photodiode
More results

Similar Description - SSO-AD-500-TO52

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FPD5W1KX EUDYNA-FPD5W1KX Datasheet
184Kb / 6P
   Avalanche Photodiode
logo
Roithner LaserTechnik G...
SSO-AD-500-TO52NF ROITHNER-SSO-AD-500-TO52NF Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52I ROITHNER-SSO-AD-500-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52-S1 ROITHNER-SSO-AD-230-TO52-S1 Datasheet
134Kb / 2P
   Avalanche Photodiode
SSO-AD-800-TO5I ROITHNER-SSO-AD-800-TO5I Datasheet
58Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52 ROITHNER-SSO-AD-230-TO52 Datasheet
123Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52NF ROITHNER-SSO-AD-230-TO52NF Datasheet
53Kb / 2P
   Avalanche Photodiode
SSO-AD-1100-TO5I ROITHNER-SSO-AD-1100-TO5I Datasheet
58Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52-S1 ROITHNER-SSO-AD-500-TO52-S1 Datasheet
134Kb / 2P
   Avalanche Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com