Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT9F100S Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT9F100S
Description  N-Channel FREDFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT9F100S Datasheet(HTML) 4 Page - Microsemi Corporation

  APT9F100S Datasheet HTML 1Page - Microsemi Corporation APT9F100S Datasheet HTML 2Page - Microsemi Corporation APT9F100S Datasheet HTML 3Page - Microsemi Corporation APT9F100S Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D3PAK Package Outline
TO-247 (B) Package Outline
e1 100% Sn Plated
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018)
{3 Plcs}
0.56 (.022)
Dimensions in Millimeters (Inches)
Heat Sink (Drain)
and Leads
are Plated
3.81 (.150)
4.06 (.160)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
Drain
Source
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
Revised
8/29/97
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
Revised
4/18/95
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
1ms
100ms
Rds(on)
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
D = 0.9
Scaling for Different Case & Junction
Temperatures:
I
D = ID(T
C
= 25
°C)*(TJ - TC)/125
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
DC line
100μs
I
DM
10ms
13μs
100μs
I
DM
100ms
10ms
13μs
Rds(on)
DC line
T
J = 150°C
T
C = 25°C
1ms
T
J = 125°C
T
C = 75°C
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 9, Forward Safe Operating Area
Figure 10, Maximum Forward Safe Operating Area
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
Figure 11. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
1
10
100
1000
1
10
100
1000
60
10
1
0.1
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
60
10
1
0.1
APT9F100B_S


Similar Part No. - APT9F100S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT9F100B ISC-APT9F100B Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT9F100S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT22F120B2 MICROSEMI-APT22F120B2 Datasheet
402Kb / 4P
   N-Channel FREDFET
APT19F100J MICROSEMI-APT19F100J_09 Datasheet
135Kb / 4P
   N-Channel FREDFET
APT34F100B2 MICROSEMI-APT34F100B2_09 Datasheet
118Kb / 4P
   N-Channel FREDFET
APT22F100J MICROSEMI-APT22F100J Datasheet
107Kb / 4P
   N-Channel FREDFET
APT17F80B MICROSEMI-APT17F80B Datasheet
437Kb / 4P
   N-Channel FREDFET
APT17F120J MICROSEMI-APT17F120J Datasheet
122Kb / 4P
   N-Channel FREDFET
APT18F60B MICROSEMI-APT18F60B Datasheet
120Kb / 4P
   N-Channel FREDFET
APT34F60B MICROSEMI-APT34F60B_09 Datasheet
134Kb / 4P
   N-Channel FREDFET
APT80F60J MICROSEMI-APT80F60J_11 Datasheet
236Kb / 4P
   N-Channel FREDFET
APT13F120B MICROSEMI-APT13F120B_09 Datasheet
122Kb / 4P
   N-Channel FREDFET
APT44F80B2 MICROSEMI-APT44F80B2 Datasheet
431Kb / 4P
   N-Channel FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com