Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T15N1M16A-70CI Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T15N1M16A-70CI
Description  64K X 16 LOW POWER CMOS STATIC RAM?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15N1M16A-70CI Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T15N1M16A-70CI Datasheet HTML 1Page - Taiwan Memory Technology T15N1M16A-70CI Datasheet HTML 2Page - Taiwan Memory Technology T15N1M16A-70CI Datasheet HTML 3Page - Taiwan Memory Technology T15N1M16A-70CI Datasheet HTML 4Page - Taiwan Memory Technology T15N1M16A-70CI Datasheet HTML 5Page - Taiwan Memory Technology T15N1M16A-70CI Datasheet HTML 6Page - Taiwan Memory Technology T15N1M16A-70CI Datasheet HTML 7Page - Taiwan Memory Technology T15N1M16A-70CI Datasheet HTML 8Page - Taiwan Memory Technology T15N1M16A-70CI Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TE
CH
tm
T15N1M16A
TM Technology Inc. reserves the right
P. 3
Publication Date: JUL . 2002
to change products or specifications without notice.
Revision: A
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYM
MIN.
MAX.
UNIT
Voltage on Any Pin Relative to VSS
VR
-0.5
+4.6 V
V
Power Dissipation
PD
-
0.7
W
Storage Temperature
TSTG
-55
+150
°C
Temperature Under Bias
IBIAS
0 / -40
+70 / +85
°C
*Note: Stresses greater than those listed above Absolute Maximum Ratings may cause permanent damage to
the device.
This is a stress rating only and function operation of the device at these or any other
conditions outside those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
TRUTH TABLE
CE
OE
WE
LB
UB
I/O 1~8
I/O 9~16
MODE
Power
H
X*
X*
X*
X*
High-Z
High-Z
Deselected
Standby
X*
X*
X*
H
H
High-Z
High-Z
Deselected
Standby
L
H
H
L
X*
High-Z
High-Z
Output Disabled
Active
L
H
H
X*
L
High-Z
High-Z
Output Disabled
Active
L
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
L
H
L
L
Data Out
Data Out
Word Read
Active
L
X*
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
X*
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
X*
L
L
L
Data In
Data In
Word Write
Active
*Note: X = Don’t Care (Must be low or high state), L = Low, H = High
RECOMMENDED OPERATING CONDITIONS
(Ta = 0
°C to +70°C / -40 °C ~ +85 °C *)
PARAMETER
SYM
MIN
TYP
MAX
UNIT
Vcc
2.4
-
3.6
V
Supply Voltage
VSS
0.0
0.0
0.0
V
V
IH
2.0
-
Vcc+0.3
V
Input Voltage
V
IL
-0.5*
-
0.4
V
* V
IL
min = -1.0V for pulse width less than
tRC/2


Similar Part No. - T15N1M16A-70CI

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
T15N1 EDAL-T15N1 Datasheet
83Kb / 1P
   T10A1
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100C TMT-T15N1024A-100C Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100CI TMT-T15N1024A-100CI Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100P TMT-T15N1024A-100P Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15N1M16A-70CI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
   64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
   64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com