Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T15N1024A-100CI Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T15N1024A-100CI
Description  128K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15N1024A-100CI Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T15N1024A-100CI Datasheet HTML 1Page - Taiwan Memory Technology T15N1024A-100CI Datasheet HTML 2Page - Taiwan Memory Technology T15N1024A-100CI Datasheet HTML 3Page - Taiwan Memory Technology T15N1024A-100CI Datasheet HTML 4Page - Taiwan Memory Technology T15N1024A-100CI Datasheet HTML 5Page - Taiwan Memory Technology T15N1024A-100CI Datasheet HTML 6Page - Taiwan Memory Technology T15N1024A-100CI Datasheet HTML 7Page - Taiwan Memory Technology T15N1024A-100CI Datasheet HTML 8Page - Taiwan Memory Technology T15N1024A-100CI Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TE
CH
tm
T15N1024A
TM Technology Inc. reserves the right
P. 3
Publication Date: FEB. 2003
to change products or specifications without notice.
Revision:E
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYM
MIN.
MAX.
UNIT
Voltage on Any Pin Relative to Gnd
VR
-0.5
+4.6 V
V
Power Dissipation
PD
-
0.7
W
Storage Temperature
TSTG
-55
+150
°C
commercial
0
+70
Operating
Temperature
industrial
Ta
-40
+85
°C
*Note: Stresses greater than those listed above Absolute Maximum Ratings may cause permanent damage to
the device.
This is a stress rating only and function operation of the device at these or any other
conditions outside those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
TRUTH TABLE
CE 1
CE2
WE
OE
DATA
MODE
H
X
X
X
High-Z
Standby
X
L
X
X
High-Z
Standby
L
H
H
L
Data Out
Active, Read
L
H
H
H
High-Z
Active, Output Disable
L
H
L
X
Data In
Active, Write
*Note: X = Don’t Care, L = Low, H = High


Similar Part No. - T15N1024A-100CI

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
T15N1 EDAL-T15N1 Datasheet
83Kb / 1P
   T10A1
logo
Taiwan Memory Technolog...
T15N1M16A TMT-T15N1M16A Datasheet
102Kb / 13P
   64K X 16 LOW POWER CMOS STATIC RAM?
T15N1M16A-70C TMT-T15N1M16A-70C Datasheet
102Kb / 13P
   64K X 16 LOW POWER CMOS STATIC RAM?
T15N1M16A-70CI TMT-T15N1M16A-70CI Datasheet
102Kb / 13P
   64K X 16 LOW POWER CMOS STATIC RAM?
T15N1M16A-70J TMT-T15N1M16A-70J Datasheet
102Kb / 13P
   64K X 16 LOW POWER CMOS STATIC RAM?
More results

Similar Description - T15N1024A-100CI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com