Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM04T Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM04T
Description  M12 Sized & Sealed Circular Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM04T Datasheet(HTML) 2 Page - DDK Ltd.

  CM04T Datasheet HTML 1Page - DDK Ltd. CM04T Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
http://www.ddknet.co.jp
CE04T Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ Plug and Jack Double-Ended Cable Assemblies
○ Jack Single-Ended Cable Assemblies
○ Plug Single-Ended Receptacle Assemblies
○ Plug Cap (Metal)
○ Receptacle Cap (PVC)
○ Receptacle Cap (Metal)
P/N
L
CM04TA-8DP8S-010
1m
CM04TA-8DP8S-030
3m
CM04TA-8DP8S-050
5m
P/N
L
CM04T-8DJ8P-0054
540
P/N
CM04T-8DPR8S-H
P/N
CM01-P-CAP-CF
P/N
CM01-CAP
P/N
CM01-R-CAP-CF
Wiring Diagram
Jack conn.
Plug conn.
White
Brown
Green
Yellow
Black
Red
Blue
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
41.3
46
L
46
L
White
Brown
Green
Yellow
Black
Red
Blue
1
2
3
4
5
6
7
8
Wiring Diagram
Panel cut-out
(Thickness 2.5max.)
φ15.2
 0
 -0.2
Wiring Diagram
White
Brown
Green
Yellow
Gray
Pink
Blue
Red
1
2
3
4
5
6
7
8
Contact No.
3.5
18
10
2
with cap
300
17
M15×1.5Thread
M12×1Thread
8.7
14.3
M12×1Thread
13
6.9
M12x1Thread
Double-ended cable assembly of a plug connector with socket contacts and a jack connector with pin contacts
・Single-ended cable assembly of a jack connector with pin contacts
・Cable Receptacle with socket contacts
Contact No.
Contact No.
Contact No.


Similar Part No. - CM04T

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04T-8DJ8P-0054 DDK-CM04T-8DJ8P-0054 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04T-8DPR8S-H-CF DDK-CM04T-8DPR8S-H-CF Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-030 DDK-CM04TA-8DP8S-030 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-050 DDK-CM04TA-8DP8S-050 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
More results

Similar Description - CM04T

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM02B DDK-CM02B_1 Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
CM02BA-8DP4S-010 DDK-CM02BA-8DP4S-010 Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com